Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1767 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2SD1767 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2SD1767
Download  2SD1767 Download
File Size   77.54 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 0.7A , 80V NPN Plastic Encapsulated Transistor

2SD1767 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1767 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2SD1767
Download  2SD1767 Click to download

File Size   77.54 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 0.7A , 80V NPN Plastic Encapsulated Transistor

2SD1767 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


2SD1767 Product details

FEATURES
• High Breakdown Voltage and Current
• Excellent DC Current Gain Linearity
• Complementary to 2SB1189




Similar Part No. - 2SD1767

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1767 ROHM-2SD1767 Datasheet
71Kb / 3P
Medium power transistor (80V, 0.7A)
2SD1767 ROHM-2SD1767 Datasheet
42Kb / 1P
MEDIUM POWER TRANSISTOR
logo
List of Unclassifed Man...
2SD1767 ETC1-2SD1767 Datasheet
38Kb / 1P
MEDIUM POWER TRANSISTOR(-80V, -0.7A)
logo
Guangdong Kexin Industr...
2SD1767 KEXIN-2SD1767 Datasheet
50Kb / 1P
Medium Power Transistor
logo
Galaxy Semi-Conductor H...
2SD1767 BILIN-2SD1767 Datasheet
175Kb / 4P
Medium power transistor
More results


Similar Description - 2SD1767

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1767 ROHM-2SD1767 Datasheet
71Kb / 3P
Medium power transistor (80V, 0.7A)
logo
List of Unclassifed Man...
2SB889F ETC1-2SB889F Datasheet
38Kb / 1P
MEDIUM POWER TRANSISTOR(-80V, -0.7A)
logo
Rohm
2SB1189 ROHM-2SB1189_10 Datasheet
141Kb / 3P
Medium power transistor(-80V, -0.7A)
logo
SeCoS Halbleitertechnol...
2SD596 SECOS-2SD596 Datasheet
327Kb / 3P
0.7A , 30V NPN Plastic Encapsulated Transistor
MMBTA56 SECOS-MMBTA56 Datasheet
73Kb / 1P
-0.5A , -80V PNP Plastic Encapsulated Transistor
MPSA56 SECOS-MPSA56 Datasheet
67Kb / 1P
-0.5A , -80V PNP Plastic Encapsulated Transistor
2SD2061 SECOS-2SD2061 Datasheet
359Kb / 2P
3A, 80V P Plastic-Encapsulated Transistor
2SD2396 SECOS-2SD2396 Datasheet
385Kb / 2P
3A, 80V P Plastic-Encapsulated Transistor
MPS751 SECOS-MPS751 Datasheet
294Kb / 2P
-2A , -80V PNP Plastic Encapsulated Transistor
logo
Rohm
2SCR514RHZG ROHM-2SCR514RHZG Datasheet
1Mb / 9P
NPN 0.7A 80V Middle Power Transistor
20190314 - Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com