Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA427 Datasheet (PDF) - Siemens Semiconductor Group

BGA427 Datasheet PDF - Siemens Semiconductor Group
Part # BGA427
Download  BGA427 Download
File Size   35.35 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Si-MMIC-Amplifier in SIEGET 25-Technologie (Cascadable 50 W-gain block Unconditionally stable)

BGA427 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGA427 Datasheet PDF - Siemens Semiconductor Group

Part # BGA427
Download  BGA427 Click to download

File Size   35.35 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Si-MMIC-Amplifier in SIEGET 25-Technologie (Cascadable 50 W-gain block Unconditionally stable)

BGA427 Datasheet (HTML) - Siemens Semiconductor Group


BGA427 Product details

Preliminary data
• Cascadable 50 Ω-gain block
• Unconditionally stable
• Gain |S21|2 = 18,5 dB at 1.8 GHz (appl.1) gain |S21|2 = 22 dB at 1.8 GHz (appl.2) IP3out = +7 dBm at 1.8 GHz (VD=3V, ID=9.4mA)
• Noise figure NF = 2.2 dB at 1.8 GHz
• typical device voltage VD = 2 V to 5 V
• Reverse isolation < 35 dB (appl.2)




Similar Part No. - BGA427

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA427 INFINEON-BGA427 Datasheet
58Kb / 5P
Si-MMIC-Amplifier in SIEGET 25-Technologie
Aug-02-2001
BGA427 INFINEON-BGA427 Datasheet
165Kb / 7P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
BGA427 INFINEON-BGA427 Datasheet
548Kb / 7P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-09-15
BGA427H6327XTSA1 INFINEON-BGA427H6327XTSA1 Datasheet
548Kb / 7P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-09-15
BGA427 INFINEON-BGA427_07 Datasheet
165Kb / 7P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
More results


Similar Description - BGA427

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BGA420 SIEMENS-BGA420 Datasheet
38Kb / 6P
Si-MMIC-Amplifierin SIEGET 25-Technologie (Cascadable 50 廓-gain block Unconditionally stable)
BGA425 SIEMENS-BGA425 Datasheet
81Kb / 8P
Si-MMIC-Amplifier in SIEGET 25-Technologie (Multifunctional casc. 50 廓 block LNA / MIX Unconditionally stable)
logo
Infineon Technologies A...
BGA420 INFINEON-BGA420 Datasheet
139Kb / 6P
Si-MMIC-Amplifier in SIEGET 25-Technologie
Jan-29-2002
BGA427 INFINEON-BGA427 Datasheet
58Kb / 5P
Si-MMIC-Amplifier in SIEGET 25-Technologie
Aug-02-2001
logo
Agilent(Hewlett-Packard...
MSA-2743 HP-MSA-2743 Datasheet
204Kb / 17P
Cascadable Silicon Bipolar Gain Block MMIC Amplifier
logo
Infineon Technologies A...
BGA420 INFINEON-BGA420_07 Datasheet
166Kb / 8P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
BGA427 INFINEON-BGA427_07 Datasheet
165Kb / 7P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
BGA420E6327 INFINEON-BGA420E6327 Datasheet
553Kb / 8P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-07-26
BGA427H6327XTSA1 INFINEON-BGA427H6327XTSA1 Datasheet
548Kb / 7P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-09-15
logo
Analog Devices
HMC3653LP3BE AD-HMC3653LP3BE Datasheet
521Kb / 8P
HBT GAIN BLOCK MMIC AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com