Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR1060 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SBR1060 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SBR1060
Download  SBR1060 Download
File Size   251.19 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 60 V 10.0 Amp Schottky Barrier Rectifiers

SBR1060 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR1060 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SBR1060
Download  SBR1060 Click to download

File Size   251.19 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 60 V 10.0 Amp Schottky Barrier Rectifiers

SBR1060 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SBR1060

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SBR1060 DAESAN-SBR1060 Datasheet
366Kb / 2P
CURRENT 10.0Amperes VOLTAGE 20 to 60 Volts
logo
SeCoS Halbleitertechnol...
SBR1060 SECOS-SBR1060 Datasheet
355Kb / 2P
VOLTAGE 60V 10.0AMP Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060 Datasheet
401Kb / 2P
10.0AMP Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
SBR1060 SMC-SBR1060 Datasheet
140Kb / 5P
SCHOTTKY RECTIFIER
logo
SeCoS Halbleitertechnol...
SBR1060 SECOS-SBR1060 Datasheet
251Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
More results


Similar Description - SBR1060

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR10100 SECOS-SBR10100 Datasheet
170Kb / 2P
VOLTAGE 100 V 10.0 Amp Schottky Barrier Rectifiers
SBR10150 SECOS-SBR10150 Datasheet
169Kb / 2P
VOLTAGE 150 V 10.0 Amp Schottky Barrier Rectifiers
SBR10150F SECOS-SBR10150F Datasheet
172Kb / 2P
VOLTAGE 150 V 10.0 Amp Schottky Barrier Rectifiers
SBR10100 SECOS-SBR10100_11 Datasheet
257Kb / 2P
Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
SR1045 SECOS-SR1045_11 Datasheet
258Kb / 2P
Voltage 45 V 10.0 Amp Schottky Barrier Rectifiers
MBR1040 SECOS-MBR1040 Datasheet
163Kb / 2P
Voltage 40 V 10.0 Amp Schottky Barrier Rectifiers
MBR10100 SECOS-MBR10100 Datasheet
137Kb / 2P
Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
MBR10150 SECOS-MBR10150 Datasheet
134Kb / 2P
Voltage 150 V 10.0 Amp Schottky Barrier Rectifiers
MBR10150F SECOS-MBR10150F Datasheet
142Kb / 2P
Voltage 150 V 10.0 Amp Schottky Barrier Rectifiers
SBL10A60F SECOS-SBL10A60F Datasheet
148Kb / 2P
Voltage 60 V 10.0 Amp Low VF Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com