Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR3045R Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SBR3045R Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SBR3045R_11
Download  SBR3045R Download
File Size   249.25 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 45 V 30.0 Amp Schottky Barrier Rectifiers

SBR3045R Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR3045R Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SBR3045R_11
Download  SBR3045R Click to download

File Size   249.25 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 45 V 30.0 Amp Schottky Barrier Rectifiers

SBR3045R Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SBR3045R_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR3045R SECOS-SBR3045R_15 Datasheet
249Kb / 2P
30.0 Amp Schottky Barrier Rectifiers
More results


Similar Description - SBR3045R_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR3040 SECOS-SBR3040 Datasheet
291Kb / 2P
VOLTAGE 40 V 30.0 Amp Schottky Barrier Rectifiers
SBR3060 SECOS-SBR3060 Datasheet
158Kb / 2P
VOLTAGE 60 V 30.0 Amp Schottky Barrier Rectifiers
SBR30100 SECOS-SBR30100 Datasheet
159Kb / 2P
VOLTAGE 100 V 30.0 Amp Schottky Barrier Rectifiers
SBR3040R SECOS-SBR3040R_11 Datasheet
249Kb / 2P
Voltage 40 V 30.0 Amp Schottky Barrier Rectifiers
SBR3060R SECOS-SBR3060R_11 Datasheet
249Kb / 2P
Voltage 60 V 30.0 Amp Schottky Barrier Rectifiers
SBR30100R SECOS-SBR30100R_11 Datasheet
250Kb / 2P
Voltage 100 V 30.0 Amp Schottky Barrier Rectifiers
SBR30200R SECOS-SBR30200R_11 Datasheet
253Kb / 2P
Voltage 200 V 30.0 Amp Schottky Barrier Rectifiers
MBR30100 SECOS-MBR30100 Datasheet
146Kb / 2P
Voltage 100 V 30.0 Amp Schottky Barrier Rectifiers
MBR30100F SECOS-MBR30100F Datasheet
146Kb / 2P
Voltage 100 V 30.0 Amp Schottky Barrier Rectifiers
SBR3045I SECOS-SBR3045I Datasheet
273Kb / 2P
Voltage 45 V 30.0 Amp Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com