Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR40150R Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SBR40150R Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SBR40150R
Download  SBR40150R Download
File Size   227.86 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 150 V 40.0 Amp Schottky Barrier Rectifiers

SBR40150R Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR40150R Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SBR40150R
Download  SBR40150R Click to download

File Size   227.86 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 150 V 40.0 Amp Schottky Barrier Rectifiers

SBR40150R Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SBR40150R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR40150RF SECOS-SBR40150RF Datasheet
307Kb / 2P
VOLTAGE 150V 40.0 Amp Schottky Barrier Rectifiers
SBR40150RF SECOS-SBR40150RF_15 Datasheet
307Kb / 2P
40.0 Amp Schottky Barrier Rectifiers
SBR40150R SECOS-SBR40150R_15 Datasheet
227Kb / 2P
40.0 Amp Schottky Barrier Rectifiers
More results


Similar Description - SBR40150R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR4060 SECOS-SBR4060 Datasheet
169Kb / 2P
VOLTAGE 60 V 40.0 Amp Schottky Barrier Rectifiers
SBR40100 SECOS-SBR40100 Datasheet
158Kb / 2P
VOLTAGE 100 V 40.0 Amp Schottky Barrier Rectifiers
SR4045 SECOS-SR4045 Datasheet
159Kb / 2P
40.0 AMP Schottky Barrier Rectifiers
SR40200 SECOS-SR40200 Datasheet
117Kb / 2P
40.0 AMP Schottky Barrier Rectifiers
SBR40100R SECOS-SBR40100R Datasheet
266Kb / 2P
VOLTAGE 100 V 40.0 Amp Schottky Barrier Rectifiers
SBR40100 SECOS-SBR40100_09 Datasheet
68Kb / 2P
40.0 Amp Schottky Barrier Rectifiers
SBR40100R SECOS-SBR40100R_11 Datasheet
269Kb / 2P
Voltage 100 V 40.0 Amp Schottky Barrier Rectifiers
SBR4060RF SECOS-SBR4060RF_15 Datasheet
133Kb / 2P
40.0 Amp Schottky Barrier Rectifiers
SBR40100RF SECOS-SBR40100RF_15 Datasheet
333Kb / 2P
40.0 Amp Schottky Barrier Rectifiers
SBR40150R SECOS-SBR40150R_15 Datasheet
227Kb / 2P
40.0 Amp Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com