Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFG20ED100 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SFG20ED100 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SFG20ED100
Download  SFG20ED100 Download
File Size   989.61 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 100V ~ 600V 20.0 Amp Super Fast Rectifier

SFG20ED100 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFG20ED100 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SFG20ED100
Download  SFG20ED100 Click to download

File Size   989.61 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 100V ~ 600V 20.0 Amp Super Fast Rectifier

SFG20ED100 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SFG20ED100

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFG20ED100F SECOS-SFG20ED100F Datasheet
740Kb / 2P
Voltage 100V ~ 600V 20.0 Amp Super Fast Rectifier
More results


Similar Description - SFG20ED100

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFG20SD50F SECOS-SFG20SD50F Datasheet
300Kb / 2P
Voltage 50V ~ 600V 20.0 Amp Super Fast Rectifier
SE33G SECOS-SE33G Datasheet
262Kb / 2P
Voltage 200V ~ 600V 3.0 Amp Super Fast Recovery Rectifier
SFG08E200F SECOS-SFG08E200F Datasheet
465Kb / 4P
Voltage 200V ~ 600V 8.0 Amp Super Fast Recovery Rectifier
SFG20ED100F SECOS-SFG20ED100F Datasheet
740Kb / 2P
Voltage 100V ~ 600V 20.0 Amp Super Fast Rectifier
SFG16UD100 SECOS-SFG16UD100 Datasheet
227Kb / 2P
Voltage 200V ~600V 16.0 Amp Super Fast Rectifier
SF20ED20F SECOS-SF20ED20F Datasheet
206Kb / 2P
20.0 Amp Super Fast Recovery Rectifier
SF20TD40 SECOS-SF20TD40 Datasheet
214Kb / 2P
20.0 Amp Super Fast Recovery Rectifier
SF20TD40F SECOS-SF20TD40F Datasheet
205Kb / 2P
20.0 Amp Super Fast Recovery Rectifier
SF20TD60 SECOS-SF20TD60 Datasheet
212Kb / 2P
20.0 Amp Super Fast Recovery Rectifier
SF20TD60F SECOS-SF20TD60F Datasheet
207Kb / 2P
20.0 Amp Super Fast Recovery Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com