Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2060 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SP2060 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SP2060_11
Download  SP2060 Download
File Size   331.87 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 60V 20.0 Amp Schottky Barrier Rectifiers

SP2060 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP2060 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SP2060_11
Download  SP2060 Click to download

File Size   331.87 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 60V 20.0 Amp Schottky Barrier Rectifiers

SP2060 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SP2060_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP2060 SECOS-SP2060_10 Datasheet
653Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SP2060 SECOS-SP2060_15 Datasheet
331Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
More results


Similar Description - SP2060_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR2045F SECOS-SBR2045F Datasheet
173Kb / 2P
VOLTAGE 45V 20.0 Amp Schottky Barrier Rectifiers
SP20250 SECOS-SP20250 Datasheet
103Kb / 2P
20.0 AMP Schottky Barrier Rectifiers
SBR2045F SECOS-SBR2045F_10 Datasheet
143Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SP20150R SECOS-SP20150R_10 Datasheet
154Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SBL20H60RF SECOS-SBL20H60RF Datasheet
307Kb / 2P
VOLTAGE 60V 20.0 Amp Low VF Schottky Barrier Rectifiers
SBR2060 SECOS-SBR2060_11 Datasheet
288Kb / 2P
Voltage 60V 20.0 Amp Schottky Barrier Rectifiers
SP20100R SECOS-SP20100R_11 Datasheet
311Kb / 2P
Voltage 100V 20.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SRF20150CT GWSEMI-SRF20150CT Datasheet
71Kb / 2P
20.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MBR20100F SECOS-MBR20100F_15 Datasheet
223Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SP20150R SECOS-SP20150R_15 Datasheet
289Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com