Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N1201A Datasheet (PDF) - Vishay Siliconix

1N1201A Datasheet PDF - Vishay Siliconix
Part # 1N1201A
Download  1N1201A Download
File Size   152.93 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Medium Power Silicon Rectifier Diodes, 12 A

1N1201A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N1201A Datasheet PDF - Vishay Siliconix

Part # 1N1201A
Download  1N1201A Click to download

File Size   152.93 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Medium Power Silicon Rectifier Diodes, 12 A

1N1201A Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 1N1201A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N1201A IRF-1N1201A Datasheet
103Kb / 4P
12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Vishay Siliconix
1N1201A VISHAY-1N1201A Datasheet
140Kb / 5P
Medium Power Silicon Rectifier Diodes, 12 A
24-Jun-08
More results


Similar Description - 1N1201A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
30S MICROSEMI-30S Datasheet
82Kb / 2P
3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
International Rectifier
1N1199A IRF-1N1199A Datasheet
103Kb / 4P
12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Vishay Siliconix
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
Power Silicon Rectifier Diodes, 35 A/40 A/60 A
04-Dec-12
1N1199A VISHAY-1N1199A Datasheet
140Kb / 5P
Medium Power Silicon Rectifier Diodes, 12 A
24-Jun-08
1N1188RA VISHAY-1N1188RA Datasheet
531Kb / 8P
Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
04-Dec-12
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
04-Dec-12
logo
New Jersey Semi-Conduct...
30S NJSEMI-30S Datasheet
54Kb / 1P
3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Vishay Siliconix
VS-1N1A VISHAY-VS-1N1A Datasheet
154Kb / 5P
Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
18-May-15
logo
New Jersey Semi-Conduct...
2CL2 NJSEMI-2CL2 Datasheet
51Kb / 1P
HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
Vishay Siliconix
VS-1N1A VISHAY-VS-1N1A_V01 Datasheet
129Kb / 5P
Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com