Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3880 Datasheet (PDF) - Vishay Siliconix

1N3880 Datasheet PDF - Vishay Siliconix
Part # 1N3880
Download  1N3880 Download
File Size   2073.3 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (Stud Version), 6/12/16 A

1N3880 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3880 Datasheet PDF - Vishay Siliconix

Part # 1N3880
Download  1N3880 Click to download

File Size   2073.3 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (Stud Version), 6/12/16 A

1N3880 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 1N3880

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3880 MICROSEMI-1N3880 Datasheet
110Kb / 2P
Fast Recovery Rectifier
logo
International Rectifier
1N3880 IRF-1N3880 Datasheet
315Kb / 8P
6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
1N3880 VISHAY-1N3880 Datasheet
2Mb / 11P
Fast Recovery Diodes(Stud Version)
26-Sep-08
logo
Solid States Devices, I...
1N3880 SSDI-1N3880 Datasheet
201Kb / 2P
6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3880 MICROSEMI-1N3880 Datasheet
119Kb / 2P
Fast Recovery Rectifier
More results


Similar Description - 1N3880

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12F VISHAY-12F Datasheet
143Kb / 6P
Standard Recovery Diodes (Stud Version), 12 A
29-Sep-08
16FLR60MS02 VISHAY-16FLR60MS02 Datasheet
184Kb / 13P
Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
08-Apr-13
VS-1N3879 VISHAY-VS-1N3879 Datasheet
140Kb / 9P
Fast Recovery Diodes (Stud Version), 6 A, 12 A
28-May-15
VS-6FL VISHAY-VS-6FL Datasheet
189Kb / 11P
Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
06-Mar-17
VS-1N387989 VISHAY-VS-1N387989 Datasheet
147Kb / 8P
Fast Recovery Diodes (Stud Version), 6 A, 12 A
11-Jan-18
VS-61216FL VISHAY-VS-61216FL Datasheet
187Kb / 11P
Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
11-Jan-18
VS-6FL VISHAY-VS-6FL_V01 Datasheet
188Kb / 11P
Fast Recovery Diodes(Stud Version), 6 A, 12 A, 16 A
11-Jan-18
VS-12FR VISHAY-VS-12FR Datasheet
161Kb / 6P
Standard Recovery Diodes, (Stud Version), 12 A
11-Jan-18
VS-1N3879 VISHAY-VS-1N3879_V01 Datasheet
148Kb / 8P
Fast Recovery Diodes (Stud Version), 6 A, 12 A
11-Jan-18
VS-6FLR VISHAY-VS-6FLR Datasheet
188Kb / 11P
Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com