Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD600NR Datasheet (PDF) - Vishay Siliconix

SD600NR Datasheet PDF - Vishay Siliconix
Part # SD600NR
Download  SD600NR Download
File Size   201.56 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 600 A

SD600NR Datasheet (PDF)

Go To PDF Page Download Datasheet
SD600NR Datasheet PDF - Vishay Siliconix

Part # SD600NR
Download  SD600NR Click to download

File Size   201.56 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 600 A

SD600NR Datasheet (HTML) - Vishay Siliconix


SD600NR Product details

FEATURES

• Wide current range

• High voltage ratings up to 3200 V

• High surge current capabilities

• Stud cathode and stud anode version

• Standard JEDEC types

• Compression bonded encapsulations

• RoHS complaint

• Lead (Pb)-free

• Designed and qualified for industrial level




Similar Part No. - SD600NR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
STANDARD RECOVERY DIODES Stud Version
logo
Vishay Siliconix
SD600N VISHAY-SD600N Datasheet
187Kb / 9P
Standard Recovery Diodes
17-Apr-08
SD600N/R VISHAY-SD600N/R Datasheet
187Kb / 9P
Standard Recovery Diodes (Stud Version), 600 A
17-Apr-08
logo
Thinki Semiconductor Co...
SD600N04PC THINKISEMI-SD600N04PC Datasheet
623Kb / 6P
300A Stud Version Standard Recovery Diode for Generator Exciter
Rev.14T
SD600N08PC THINKISEMI-SD600N08PC Datasheet
564Kb / 6P
300A Stud Version Standard Recovery Diode for Generator Exciter
Rev.14T
More results


Similar Description - SD600NR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
25-May-09
SD600N22PC VISHAY-SD600N22PC Datasheet
187Kb / 9P
Standard Recovery Diodes (Stud Version), 600 A
17-Apr-08
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
25-Nov-13
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
Standard Recovery Diodes (Stud Version), 380 A
05-Aug-14
VS-SD600N VISHAY-VS-SD600N Datasheet
199Kb / 8P
Standard Recovery Diodes (Stud Version), 600 A
21-Jan-14
VS-40HFR VISHAY-VS-40HFR Datasheet
165Kb / 9P
Standard Recovery Diodes,(Stud Version), 40 A
29-Jan-14
VS-SD500N VISHAY-VS-SD500N Datasheet
152Kb / 7P
Standard Recovery Diodes, (Stud Version), 475 A
10-Oct-2019
VS-SD600NR VISHAY-VS-SD600NR Datasheet
194Kb / 8P
Standard Recovery Diodes, (Stud Version), 600 A
11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com