Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C02 Datasheet (PDF) - Tiger Electronic Co.,Ltd

24C02 Datasheet PDF - Tiger Electronic Co.,Ltd
Part # 24C02
Download  24C02 Download
File Size   399.12 Kbytes
Page   15 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description Two-wire Serial EEPROM

24C02 Datasheet (PDF)

Go To PDF Page Download Datasheet
24C02 Datasheet PDF - Tiger Electronic Co.,Ltd

Part # 24C02
Download  24C02 Click to download

File Size   399.12 Kbytes
Page   15 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description Two-wire Serial EEPROM

24C02 Datasheet (HTML) - Tiger Electronic Co.,Ltd


24C02 Product details

Description

24C02/24C04/24C08/24C16 provides 2048/4096/8192/16384 bits of serial electrically erasable and programmable read-only memory (EEPROM) organized as 256/512/1024/2048 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operations are essential. The BL24C02/BL24C04/BL24C08/BL24C16 is available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages and is accessed via a two-wire serial interface.



Features

► Two-wire Serial Interface

► VCC = 1.8V to 5.5V

► Bi-directional Data Transfer Protocol

► Internally Organized

   24C02, 256 X 8 (2K bits)

   24C04, 512 X 8 (4K bits)

   24C08, 1024 X 8 (8K bits)

   24C16, 2048 X 8 (16K bits)

► 1 MHz (5V), 400 kHz (1.8V, 2.5V, 2.7V) Compatibility

► 8-byte Page (2K), 16-byte Page (4K, 8K, 16K) Write Modes

► Self-timed Write Cycle (5 ms max)

► 1 Million Write Cycles guaranteed

► Data Retention > 100 Years

► Operating Temperature: -40℃ to +85℃

► 8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages



 




Similar Part No. - 24C02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
24C02 STMICROELECTRONICS-24C02 Datasheet
145Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
logo
Microchip Technology
24C02 MICROCHIP-24C02 Datasheet
84Kb / 12P
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
1996
logo
List of Unclassifed Man...
24C02 ETC1-24C02 Datasheet
45Kb / 8P
CMOS I2C 2-WIRE BUS 1K/2K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 128/256 X 8 BIT EEPROM
logo
Estek Electronics Co. L...
24C02 ESTEK-24C02 Datasheet
1Mb / 13P
8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
ATMEL Corporation
24C02 ATMEL-24C02 Datasheet
257Kb / 20P
Schmitt Trigger, Filtered Inputs for Noise Suppression
More results


Similar Description - 24C02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
Two-wire Serial EEPROM
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
Two-wire Serial EEPROM
VER 1.3
ACE24C02 ACE-ACE24C02 Datasheet
654Kb / 20P
Two-wire Serial EEPROM
VER 1.3
ACE24C16A ACE-ACE24C16A_11 Datasheet
658Kb / 17P
Two-wire Serial EEPROM
VER 1.4
ACE24LC02 ACE-ACE24LC02_11 Datasheet
717Kb / 18P
Two-wire Serial EEPROM
VER 1.6
logo
ATMEL Corporation
AT24C02B-PU ATMEL-AT24C02B-PU Datasheet
676Kb / 26P
Two-wire Serial EEPROM
logo
List of Unclassifed Man...
FT24C512A ETC2-FT24C512A Datasheet
245Kb / 17P
Two-Wire Serial EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com