Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA24-600C Datasheet (PDF) - Tiger Electronic Co.,Ltd

BTA24-600C Datasheet PDF - Tiger Electronic Co.,Ltd
Part # BTA24-600C
Download  BTA24-600C Download
File Size   285.57 Kbytes
Page   1 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 25A TRIACS

BTA24-600C Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA24-600C Datasheet PDF - Tiger Electronic Co.,Ltd

Part # BTA24-600C
Download  BTA24-600C Click to download

File Size   285.57 Kbytes
Page   1 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 25A TRIACS

BTA24-600C Datasheet (HTML) - Tiger Electronic Co.,Ltd


BTA24-600C Product details

GENERAL DESCRIPTION
Available either in through-hole or surface-mount packages, the BTA/BTB24 - 600C triac series is suitable for general purpose AC switchi g. They can be used as an ON/OFF function in applications
such as static relays, heating regulation, induction motor starting circuits... or for phase control operation in light dimmers, motor speed controllers, ...
The snubberless versions (BTA/BTB...W series) are specially recommended for use on
inductive loads, thanks to their high commutation performances. By using an internal ceramic pad,
the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards.




Similar Part No. - BTA24-600C

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTA24-600C KERSEMI-BTA24-600C Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
logo
Guangdong Youtai Semico...
BTA24-600CRG UMW-BTA24-600CRG Datasheet
762Kb / 6P
vacuum cleaners, power tools and other motor speed controllers; solid state relays; heating controllers (temperature regulation); other phase control circuits.
logo
STMicroelectronics
BTA24-600CW STMICROELECTRONICS-BTA24-600CW Datasheet
137Kb / 12P
25A TRIACS
31-Jul-2006
BTA24-600CW STMICROELECTRONICS-BTA24-600CW Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
logo
Kersemi Electronic Co.,...
BTA24-600CW KERSEMI-BTA24-600CW Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
More results


Similar Description - BTA24-600C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA24 STMICROELECTRONICS-BTA24 Datasheet
137Kb / 12P
25A TRIACS
31-Jul-2006
logo
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
25A TRIACS
BTA24-600BF TGS-BTA24-600BF Datasheet
61Kb / 1P
25A TRIACS
BTA24-600BW TGS-BTA24-600BW Datasheet
59Kb / 1P
25A TRIACS
BTA24-800BW TGS-BTA24-800BW Datasheet
59Kb / 1P
25A TRIACS
BTA26-600B TGS-BTA26-600B Datasheet
66Kb / 1P
25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
25A TRIACS
TPDV1225-E TGS-TPDV1225-E Datasheet
202Kb / 1P
25A TRIACS
logo
Unisonic Technologies
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
25A TRIACS
BTB24A UTC-BTB24A_15 Datasheet
165Kb / 3P
25A TRIACS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com