Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSM101 Datasheet (PDF) - Siemens Semiconductor Group

BSM101 Datasheet PDF - Siemens Semiconductor Group
Part # BSM101
Download  BSM101 Download
File Size   199.79 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description SIMOPAC Module (Power module Single switch N channel Enhancement mode)

BSM101 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSM101 Datasheet PDF - Siemens Semiconductor Group

Part # BSM101
Download  BSM101 Click to download

File Size   199.79 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description SIMOPAC Module (Power module Single switch N channel Enhancement mode)

BSM101 Datasheet (HTML) - Siemens Semiconductor Group


BSM101 Product details

SIMOPAC® Module

VDS = 50 V
I D = 200 A
RDS(on) = 3.0 mΩ

● Power module
● Single switch
● N channel
● Enhancement mode
● Package with insulated metal base plate
● Package outline/Circuit diagram: 11)




Similar Part No. - BSM101

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSM100GAL120DLCK INFINEON-BSM100GAL120DLCK Datasheet
271Kb / 10P
IGBT-modules
2008-08-07 revision:3.2
logo
Siemens Semiconductor G...
BSM100GAL120DN2 SIEMENS-BSM100GAL120DN2 Datasheet
81Kb / 5P
IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
logo
eupec GmbH
BSM100GB120DLC EUPEC-BSM100GB120DLC Datasheet
86Kb / 8P
IGBT-Modules
BSM100GB120DLCK EUPEC-BSM100GB120DLCK Datasheet
87Kb / 8P
IGBT-Modules
logo
Siemens Semiconductor G...
BSM100GB120DN2 SIEMENS-BSM100GB120DN2 Datasheet
132Kb / 9P
IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
More results


Similar Description - BSM101

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM111AR SIEMENS-BSM111AR Datasheet
216Kb / 9P
SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM121AR SIEMENS-BSM121AR Datasheet
207Kb / 7P
SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM151 SIEMENS-BSM151 Datasheet
161Kb / 6P
SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM151F SIEMENS-BSM151F Datasheet
226Kb / 7P
SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
BSM181 SIEMENS-BSM181 Datasheet
199Kb / 7P
SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM181F SIEMENS-BSM181F Datasheet
226Kb / 7P
SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
BSM191 SIEMENS-BSM191 Datasheet
223Kb / 7P
SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM191F SIEMENS-BSM191F Datasheet
205Kb / 7P
SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com