Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTB06-600B Datasheet (PDF) - Tiger Electronic Co.,Ltd

BTB06-600B Datasheet PDF - Tiger Electronic Co.,Ltd
Part # BTB06-600B
Download  BTB06-600B Download
File Size   93.12 Kbytes
Page   1 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 6A TRIACS

BTB06-600B Datasheet (PDF)

Go To PDF Page Download Datasheet
BTB06-600B Datasheet PDF - Tiger Electronic Co.,Ltd

Part # BTB06-600B
Download  BTB06-600B Click to download

File Size   93.12 Kbytes
Page   1 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 6A TRIACS

BTB06-600B Datasheet (HTML) - Tiger Electronic Co.,Ltd


BTB06-600B Product details

GENERAL DESCRIPTION
Available either in through-hole or surface-mount packages, the BTA/BTB06 - 600B triac series is suitable for general purpose AC switching. They can be used as an ON/OFF function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control operation in light dimmers, motor speed controllers, ...
The snubberless versions (BTA/BTB...W series) are specially recommended for use on inductive loads, thanks to their high commutation performances. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards.




Similar Part No. - BTB06-600B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB06-600B STMICROELECTRONICS-BTB06-600B Datasheet
65Kb / 6P
SNUBBERLESS?? LOGIC LEVEL & STANDARD
Apr-2002
BTB06-600B STMICROELECTRONICS-BTB06-600B Datasheet
64Kb / 5P
STANDARD TRIACS
Mar-1995
logo
JIEJIE MICROELECTRONICS...
BTB06-600B JIEJIE-BTB06-600B Datasheet
578Kb / 5P
6A TRIACs
logo
Kersemi Electronic Co.,...
BTB06-600B KERSEMI-BTB06-600B Datasheet
1Mb / 5P
6A TRIACS
logo
HAOPIN MICROELECTRONICS...
BTB06-600B HAOPIN-BTB06-600B Datasheet
393Kb / 5P
Blocking voltage to 600 V
More results


Similar Description - BTB06-600B

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T610-600B-TR TGS-T610-600B-TR Datasheet
138Kb / 1P
6A TRIACS
T610-600G-TR TGS-T610-600G-TR Datasheet
169Kb / 1P
6A TRIACS
BTA06-600BF TGS-BTA06-600BF Datasheet
62Kb / 1P
6A TRIACS
BTA06-800B TGS-BTA06-800B Datasheet
217Kb / 1P
6A TRIACS
BTA06-800C TGS-BTA06-800C Datasheet
66Kb / 1P
6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06 Datasheet
164Kb / 3P
6A TRIACS
BTB06A UTC-BTB06A Datasheet
162Kb / 4P
6A TRIACS
logo
Kersemi Electronic Co.,...
BTB06-700B KERSEMI-BTB06-700B Datasheet
1Mb / 5P
6A TRIACS
BTB06-600SW KERSEMI-BTB06-600SW Datasheet
1Mb / 5P
6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06_15 Datasheet
164Kb / 3P
6A TRIACS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com