Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA12-600C Datasheet (PDF) - Tiger Electronic Co.,Ltd

BTA12-600C Datasheet PDF - Tiger Electronic Co.,Ltd
Part # BTA12-600C
Download  BTA12-600C Download
File Size   97.74 Kbytes
Page   1 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 12A TRIACS

BTA12-600C Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA12-600C Datasheet PDF - Tiger Electronic Co.,Ltd

Part # BTA12-600C
Download  BTA12-600C Click to download

File Size   97.74 Kbytes
Page   1 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 12A TRIACS

BTA12-600C Datasheet (HTML) - Tiger Electronic Co.,Ltd


BTA12-600C Product details

GENERAL DESCRIPTION

Available either in through-hole or surface-mount  packages, the BTA/BTB12 - 600C  triac series is

suitable for general purpose AC switching. They can be used as an ON/OFF functionin applications

such as static relays, heating regulation, induction motor starting circuits... orfor phase control

operation inlight dimmers, motor speed controllers,... The snubberless versions (BTA/BTB...W series) are specially recommended for use on inductiveloads, thanksto their high commutation performances. By using aninternal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards.




Similar Part No. - BTA12-600C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12-600C STMICROELECTRONICS-BTA12-600C Datasheet
116Kb / 7P
12A TRIACS
Sep-2002
logo
Kersemi Electronic Co.,...
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
12A TRIACS
logo
Inchange Semiconductor ...
BTA12-600C ISC-BTA12-600C Datasheet
107Kb / 1P
With TO-220AB insulated package
logo
STMicroelectronics
BTA12-600C STMICROELECTRONICS-BTA12-600C Datasheet
236Kb / 16P
12 A Snubberless™, logic level and standard Triacs
07-Feb-2019
logo
HAOPIN MICROELECTRONICS...
BTA12-600C HAOPIN-BTA12-600C Datasheet
357Kb / 5P
Blocking voltage to 600 V
More results


Similar Description - BTA12-600C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H Datasheet
94Kb / 7P
12A TRIACS
Apr-2002
logo
Unisonic Technologies
BTA12A UTC-BTA12A Datasheet
171Kb / 4P
12A TRIACS
logo
Kersemi Electronic Co.,...
BTB12-700C KERSEMI-BTB12-700C Datasheet
1,011Kb / 5P
12A TRIACS
BTB12-800C KERSEMI-BTB12-800C Datasheet
1,011Kb / 5P
12A TRIACS
BTB12-800BW KERSEMI-BTB12-800BW Datasheet
1,011Kb / 5P
12A TRIACS
BTB12-800B KERSEMI-BTB12-800B Datasheet
1,011Kb / 5P
12A TRIACS
BTA12-700SW KERSEMI-BTA12-700SW Datasheet
1,011Kb / 5P
12A TRIACS
BTA12-600CW KERSEMI-BTA12-600CW Datasheet
1,011Kb / 5P
12A TRIACS
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
12A TRIACS
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
12A TRIACS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com