Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA1691M Datasheet (PDF) - Tiger Electronic Co.,Ltd

CXA1691M Datasheet PDF - Tiger Electronic Co.,Ltd
Part # CXA1691M
Download  CXA1691M Download
File Size   2104.41 Kbytes
Page   10 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description FM/AM RADIO CIRCUIT

CXA1691M Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA1691M Datasheet PDF - Tiger Electronic Co.,Ltd

Part # CXA1691M
Download  CXA1691M Click to download

File Size   2104.41 Kbytes
Page   10 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description FM/AM RADIO CIRCUIT

CXA1691M Datasheet (HTML) - Tiger Electronic Co.,Ltd


CXA1691M Product details

DESCRIPTION

The CXA1691M is a one-chip FM/AM radio IC designed for radio-cassette tape recorders and headphone tape recorders.



FEATURE

Small number of peripheral components

Low current consumption (Vcc=3V)

  FM: I D=5.3mA (Typ.)

  AM: I D=3.4mA(Typ.)

Built-in FM/AM select switch

Large output of AF amplifier



FUNCTIONS

FM section

RF amplifier; Mixer and OSC (in corporating AFC variable capacitor);

IF amplifier,

Quadrature detection;

Tuning LED driver.



AM section

RF amplifier, Mixer and OSC (with RF AGC);

IF amplifier (with IF AGC)

Detector

Tuning LED driver



AF section

Electronic volume control

FM muting




Similar Part No. - CXA1691M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1691M SONY-CXA1691M Datasheet
290Kb / 13P
FM/AM RADIO
More results


Similar Description - CXA1691M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5591 PHILIPS-TEA5591 Datasheet
282Kb / 22P
AM/FM radio receiver circuit
June 1989
TEA5591A PHILIPS-TEA5591A Datasheet
144Kb / 14P
AM/FM radio receiver circuit
February 1990
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
AM/FM radio receiver circuit
March 1991
TEA5710 PHILIPS-TEA5710 Datasheet
229Kb / 25P
AM/FM radio receiver circuit
March 1994
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
AM/FM stereo radio circuit
September 1994
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
FM/AM Radio
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
FM/AM Radio
logo
List of Unclassifed Man...
TBA570A ETC1-TBA570A Datasheet
576Kb / 14P
INTEGRATED AM/FM RADIO RECEIVER CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com