Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1302S-16 Datasheet (PDF) - Tiger Electronic Co.,Ltd

DS1302S-16 Datasheet PDF - Tiger Electronic Co.,Ltd
Part # DS1302S-16
Download  DS1302S-16 Download
File Size   1300.04 Kbytes
Page   14 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description Trickle Charge Timekeeping Chip

DS1302S-16 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1302S-16 Datasheet PDF - Tiger Electronic Co.,Ltd

Part # DS1302S-16
Download  DS1302S-16 Click to download

File Size   1300.04 Kbytes
Page   14 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description Trickle Charge Timekeeping Chip

DS1302S-16 Datasheet (HTML) - Tiger Electronic Co.,Ltd


DS1302S-16 Product details

DESCRIPTION
The DS1302 Trickle Charge Timekeeping Chip contains a real time clock/calendar and 31 bytes of static RAM. It communicates with a microprocessor via a simple serial interface. The real time clock/calendar provides seconds, minutes, hours, day, date, month, and year information. The end of the month date is automatically adjusted for months with less than 31 days, including corrections for leap year. The clock operates in either the 24–hour or 12–hour format with an AM/PM indicator

FEATURES
■ Real time clock counts seconds, minutes hours, date of the month, month, day of the week, and year with leap year compensation valid up to 2100
■ 31 x 8 RAM for scratchpad data storage
■ Serial I/O for minimum pin count
■ 2.0–5.5V full operation
■ Uses less than 300 nA at 2.0V
■ Single–byte or multiple–byte (burst mode) data transfer for read or write of clock or RAM data
■ 8–pin DIP or optional 8–pin SOICs for surface mount
■ Simple 3–wire interface
■ TTL–compatible (VCC = 5V)
■ Optional industrial temperature range –40°C to +85°C
■ DS1202 compatible
■ Recognized by Underwriters Laboratory




Similar Part No. - DS1302S-16

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1302S-16 DALLAS-DS1302S-16 Datasheet
217Kb / 14P
Trickle Charge Timekeeping Chip
DS1302S-16 DALLAS-DS1302S-16 Datasheet
649Kb / 16P
Trickle-Charge Timekeeping Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1302S-16 ARTSCHIP-DS1302S-16 Datasheet
397Kb / 13P
Trickle Charge Timekeeping Chip
More results


Similar Description - DS1302S-16

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3170 ROHM-BA3170 Datasheet
130Kb / 8P
Trickle-charge IC for two-cell, lithium-ion batteries
logo
Dallas Semiconductor
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
Serial Timekeeping Chip
DS1302 DALLAS-DS1302 Datasheet
217Kb / 14P
Trickle Charge Timekeeping Chip
DS1302 DALLAS-DS1302_05 Datasheet
649Kb / 16P
Trickle-Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1302 MAXIM-DS1302 Datasheet
247Kb / 13P
Trickle-Charge Timekeeping Chip
REV: 120208
DS1339 MAXIM-DS1339_11 Datasheet
260Kb / 20P
I2C Serial Real-Time Clock Trickle-Charge Capability
Rev 4/11
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
logo
ARTSCHIP ELECTRONICS CO...
DS1302 ARTSCHIP-DS1302 Datasheet
397Kb / 13P
Trickle Charge Timekeeping Chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com