Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

21DQ04 Datasheet (PDF) - Vishay Siliconix

21DQ04 Datasheet PDF - Vishay Siliconix
Part # 21DQ04
Download  21DQ04 Download
File Size   123.35 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 2 A

21DQ04 Datasheet (PDF)

Go To PDF Page Download Datasheet
21DQ04 Datasheet PDF - Vishay Siliconix

Part # 21DQ04
Download  21DQ04 Click to download

File Size   123.35 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 2 A

21DQ04 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 21DQ04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
21DQ04 IRF-21DQ04 Datasheet
39Kb / 5P
SCHOTTKY RECTIFIER(2 Amp)
logo
Nihon Inter Electronics...
21DQ04 NIEC-21DQ04 Datasheet
43Kb / 6P
Low Forward Voltage drop Diode
logo
Monolithic Power System...
21DQ04 MPS-21DQ04 Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
logo
Vishay Siliconix
21DQ04 VISHAY-21DQ04 Datasheet
85Kb / 5P
Schottky Rectifier, 2 A
06-Nov-08
logo
New Jersey Semi-Conduct...
21DQ04 NJSEMI-21DQ04 Datasheet
142Kb / 1P
Schottky Rectifiers
More results


Similar Description - 21DQ04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20BQ030PBF VISHAY-20BQ030PBF Datasheet
97Kb / 6P
Schottky Rectifier, 2 A
16-Apr-08
21DQ04 VISHAY-21DQ04 Datasheet
85Kb / 5P
Schottky Rectifier, 2 A
06-Nov-08
21DQ06 VISHAY-21DQ06 Datasheet
87Kb / 5P
Schottky Rectifier, 2 A
06-Nov-08
20BQ030PBF VISHAY-20BQ030PBF_10 Datasheet
117Kb / 7P
Schottky Rectifier, 2 A
04-Mar-10
20MQ040-M3 VISHAY-20MQ040-M3 Datasheet
112Kb / 6P
Schottky Rectifier, 2 A
22-Aug-11
20MQ100-M3 VISHAY-20MQ100-M3 Datasheet
115Kb / 6P
Schottky Rectifier, 2 A
22-Aug-11
VS-20BQ030TRPBF VISHAY-VS-20BQ030TRPBF Datasheet
116Kb / 7P
Schottky Rectifier, 2 A
04-Mar-10
VS-21DQ04 VISHAY-VS-21DQ04 Datasheet
121Kb / 6P
Schottky Rectifier, 2 A
21-Sep-11
VS-20MQ040-M3 VISHAY-VS-20MQ040-M3_15 Datasheet
110Kb / 6P
Schottky Rectifier, 2 A
12-Oct-11
VS-20BQ030PBF VISHAY-VS-20BQ030PBF_V01 Datasheet
116Kb / 7P
Schottky Rectifier, 2 A
04-Mar-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com