Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72CPQ030PBF Datasheet (PDF) - Vishay Siliconix

72CPQ030PBF Datasheet PDF - Vishay Siliconix
Part # 72CPQ030PBF
Download  72CPQ030PBF Download
File Size   183.65 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 2 x 35 A

72CPQ030PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
72CPQ030PBF Datasheet PDF - Vishay Siliconix

Part # 72CPQ030PBF
Download  72CPQ030PBF Click to download

File Size   183.65 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 2 x 35 A

72CPQ030PBF Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 72CPQ030PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
72CPQ030PBF IRF-72CPQ030PBF Datasheet
206Kb / 6P
SCHOTTKY RECTIFIER 70 Amp
logo
Vishay Siliconix
72CPQ030PBF VISHAY-72CPQ030PBF Datasheet
132Kb / 6P
Schottky Rectifier, 2 x 35 A
13-Aug-08
More results


Similar Description - 72CPQ030PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CWQ06FNPBF VISHAY-6CWQ06FNPBF Datasheet
110Kb / 6P
Schottky Rectifier, 2 x 3.5 A
13-Aug-08
70CRU02 VISHAY-70CRU02 Datasheet
125Kb / 7P
Ultrafast Rectifier, 2 x 35 A FRED PtTM
28-Jul-08
70CRU02PBF VISHAY-70CRU02PBF Datasheet
119Kb / 7P
Ultrafast Rectifier, 2 x 35 A FRED PtTM
21-Jul-08
70CRU04 VISHAY-70CRU04 Datasheet
115Kb / 6P
Ultrafast Rectifier, 2 x 35 A FRED PtTM
28-Jul-08
70CRU04PBF VISHAY-70CRU04PBF Datasheet
122Kb / 6P
Ultrafast Rectifier, 2 x 35 A FRED PtTM
21-Jul-08
72CPQ030 VISHAY-72CPQ030 Datasheet
127Kb / 6P
Schottky Rectifier, 2 x 35 A
21-Aug-08
72CPQ030PBF VISHAY-72CPQ030PBF Datasheet
132Kb / 6P
Schottky Rectifier, 2 x 35 A
13-Aug-08
70CRU02PBF VISHAY-70CRU02PBF_11 Datasheet
137Kb / 8P
Ultrafast Rectifier, 2 x 35 A FRED Pt
09-Feb-11
70CRU04PBF VISHAY-70CRU04PBF_11 Datasheet
128Kb / 7P
Ultrafast Rectifier, 2 x 35 A FRED Pt
09-Feb-11
VS-72CPQ030PBF VISHAY-VS-72CPQ030PBF_V01 Datasheet
151Kb / 7P
Schottky Rectifier, 2 x 35 A
Revision: 31-Aug-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com