Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA6282K Datasheet (PDF) - Tiger Electronic Co.,Ltd

KIA6282K Datasheet PDF - Tiger Electronic Co.,Ltd
Part # KIA6282K
Download  KIA6282K Download
File Size   370.61 Kbytes
Page   7 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 4.6W DUAL AUDIO POWER AMPLIFIER

KIA6282K Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA6282K Datasheet PDF - Tiger Electronic Co.,Ltd

Part # KIA6282K
Download  KIA6282K Click to download

File Size   370.61 Kbytes
Page   7 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 4.6W DUAL AUDIO POWER AMPLIFIER

KIA6282K Datasheet (HTML) - Tiger Electronic Co.,Ltd


KIA6282K Product details

GENERAL DESCRIPTION

D6282 is an audio power IC with built-in two Channels developed for portable radio cassette tape recorder with power ON/OFF switch. Thermal shutdown protection circuit is built in. Because of the parts reduction and SIP (Single in line package), space merit is remarkable.



FEATURES

• High Power

   Pout=2.5W/CH(Typ.) :(Vcc=9V,R L=4Ω,f=1kHz,THD=10%)

   Pout=4.6W/CH(Typ.) :(Vcc=12V,R L=4Ω,f=1kHz,THD=10%)

• Low popping noise at power ON

• Small Quiescent Current : I C C Q=19mA(Typ.) (Vcc=9V Vin=0)

• Soft Clip

• Built-in thermal shut down protection circuit

• Best for supply voltage 9V, 12V

• Operation supply voltage range : Vcc=6~15V



 




Similar Part No. - KIA6282K

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA6282K KEC-KIA6282K Datasheet
209Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4.6W DUAL AUDIO POWER AMPLIFIER)
More results


Similar Description - KIA6282K

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA22065 SAMSUNG-KA22065 Datasheet
98Kb / 3P
4.6W DUAL POWER AMP
KA22067 SAMSUNG-KA22067 Datasheet
126Kb / 6P
4.6W AUDIO POWER AMP (GENERAL DESCRIPTION)
S1A0067X01 SAMSUNG-S1A0067X01 Datasheet
61Kb / 6P
4.6W AUDIO POWER AMP
S1A2206D01 SAMSUNG-S1A2206D01 Datasheet
74Kb / 6P
4.6W AUDIO POWER AMP
logo
KEC(Korea Electronics)
KIA6282K KEC-KIA6282K Datasheet
209Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4.6W DUAL AUDIO POWER AMPLIFIER)
KIA6283K KEC-KIA6283K Datasheet
176Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4.6W DUAL AUDIO POWER AMPLIFIER)
logo
List of Unclassifed Man...
D6283 ETC1-D6283 Datasheet
310Kb / 7P
4.6W DUAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
A6283 UTC-A6283 Datasheet
293Kb / 7P
4.6W DUAL AUDIO POWER AMPLIFIER
A6283 UTC-A6283_15 Datasheet
298Kb / 7P
4.6W DUAL AUDIO POWER AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
D6282 YONGFUKANG-D6282 Datasheet
119Kb / 6P
4.6W Dual Audio Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com