Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78L18 Datasheet (PDF) - Tiger Electronic Co.,Ltd

LM78L18 Datasheet PDF - Tiger Electronic Co.,Ltd
Part # LM78L18
Download  LM78L18 Download
File Size   270.73 Kbytes
Page   2 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description TO-92 Encapsulate Three-terminal Voltage Regulator

LM78L18 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM78L18 Datasheet PDF - Tiger Electronic Co.,Ltd

Part # LM78L18
Download  LM78L18 Click to download

File Size   270.73 Kbytes
Page   2 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description TO-92 Encapsulate Three-terminal Voltage Regulator

LM78L18 Datasheet (HTML) - Tiger Electronic Co.,Ltd


LM78L18 Product details

Three-terminal positive voltage regulator



FEATURES

• Maximum Output current

    IOM: 0.1 A

• Output voltage

    VO: 18 V

• Continuous total dissipation

   PD: 0.625 W



 




Similar Part No. - LM78L18

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM78L18 HTC-LM78L18 Datasheet
252Kb / 11P
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM78L18 KEXIN-LM78L18 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
logo
First Components Intern...
LM78L18 FCI-LM78L18 Datasheet
2Mb / 7P
LM78L00Series 3-Terminal Low Current Positive Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM78L18 HTC-LM78L18 Datasheet
208Kb / 11P
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78L18A HTC-LM78L18A Datasheet
208Kb / 11P
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results


Similar Description - LM78L18

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM78L05 TGS-LM78L05 Datasheet
433Kb / 2P
TO-92 Encapsulate Three-terminal Voltage Regulator
LM78L06 TGS-LM78L06 Datasheet
309Kb / 2P
TO-92 Encapsulate Three-terminal Voltage Regulator
LM78L08 TGS-LM78L08 Datasheet
347Kb / 2P
TO-92 Encapsulate Three-terminal Voltage Regulator
LM78L12 TGS-LM78L12 Datasheet
275Kb / 2P
TO-92 Encapsulate Three-terminal Voltage Regulator
LM78L15 TGS-LM78L15 Datasheet
286Kb / 2P
TO-92 Encapsulate Three-terminal Voltage Regulator
LM79L05 TGS-LM79L05 Datasheet
452Kb / 2P
TO-92 Encapsulate Three-terminal Voltage Regulator
LM79L09 TGS-LM79L09 Datasheet
384Kb / 2P
TO-92 Encapsulate Three-terminal voltage regulator
LM79L12 TGS-LM79L12 Datasheet
434Kb / 2P
TO-92 Encapsulate Three-terminal voltage regulator
logo
ZP Semiconductor
CJ78L05-TO92 ZPSEMI-CJ78L05-TO92 Datasheet
859Kb / 2P
TO-92 Encapsulate Three-terminal Voltage Regulator
logo
Jiangsu High diode Semi...
78L05 HDSEMI-78L05 Datasheet
2Mb / 4P
TO-92 Encapsulate Three-terminal Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com