Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317LF Datasheet (PDF) - Tiger Electronic Co.,Ltd

LM317LF Datasheet PDF - Tiger Electronic Co.,Ltd
Part # LM317LF
Download  LM317LF Download
File Size   382.93 Kbytes
Page   14 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 3-TERMINAL ADJUSTABLE REGULATOR

LM317LF Datasheet (PDF)

Go To PDF Page Download Datasheet
LM317LF Datasheet PDF - Tiger Electronic Co.,Ltd

Part # LM317LF
Download  LM317LF Click to download

File Size   382.93 Kbytes
Page   14 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 3-TERMINAL ADJUSTABLE REGULATOR

LM317LF Datasheet (HTML) - Tiger Electronic Co.,Ltd


LM317LF Product details

DESCRIPTION

The LM317 is an adjustable 3-terminal positive voltage regulator capable of supplying 100mA over a 1.2V to 37V output range. It is exceptionally easy to use and requires only two external resistors to set the output voltage. Further, it employs internal current limiting, thermal shutdown and safe area compensation, making it essentially blow-out proof. Also, the LM317 is available packaged in a standard TO-92 transistor package which is easy to use.

The LM317 serves a wide variety of applications including local, on card regulation. This device can also be used to make a programmable output regulator, or by connecting a fixed resistor between the adjustment and output, the LM317 can be used as a precision current regulator.



FEATURES

• Adjustable output down to 1.2V

• Guaranteed 100 mA output current

• Line regulation typically 0.01%/V

• Load regulation typically 0.1%

• Current limit constant with temperature

• Eliminates the need to stock many voltages

• 80 dB ripple rejection

• Output is short circuit protected



 




Similar Part No. - LM317LF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
Three-Terminal Adjustable Regulator
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
Three-Terminal Adjustable Regulator
More results


Similar Description - LM317LF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5237L MITSUBISHI-M5237L Datasheet
165Kb / 6P
3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
3-Terminal Adjustable Regulator
LM337L NSC-LM337L Datasheet
89Kb / 5P
3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
3-TERMINAL ADJUSTABLE REGULATOR
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
3-Terminal Adjustable Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com