Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2576BM Datasheet (PDF) - Tiger Electronic Co.,Ltd

LM2576BM Datasheet PDF - Tiger Electronic Co.,Ltd
Part # LM2576BM
Download  LM2576BM Download
File Size   1078.31 Kbytes
Page   9 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 3A Step-Down Voltage Regulator

LM2576BM Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2576BM Datasheet PDF - Tiger Electronic Co.,Ltd

Part # LM2576BM
Download  LM2576BM Click to download

File Size   1078.31 Kbytes
Page   9 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 3A Step-Down Voltage Regulator

LM2576BM Datasheet (HTML) - Tiger Electronic Co.,Ltd


LM2576BM Product details

DESCRIPITION
The LM2576BM series of regulators are monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving 3A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3V, 5V, 12V and an ADJ output version.

FEATURES
● 3.3V, 5V, 12V and adjustable output versions
● Guaranteed 3A output current
● Adjustable version output voltage range,1.23V to 37V± 4% max over line and load conditions
● 52 kHz fixed frequency internal oscillator
● TTL shutdown capability, low power standby mode
● High efficiency
● Uses readily available standard inductors
● Thermal shutdown and current limit protection
● Wide input voltage range up to 40V
● Requires only 4 external components

APPLICATIONS
● Simple high-efficiency step-down (buck) regulator
● Efficient pre-regulator for linear regulators
● On-card switching regulators
● Positive to negative converter (Buck-Boost)




Similar Part No. - LM2576BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2576BT MICREL-LM2576BT Datasheet
89Kb / 8P
52kHz Simple 3A Buck Voltage Regulator
LM2576BT MICREL-LM2576BT Datasheet
64Kb / 9P
52kHz Simple 3A Buck Regulator
LM2576BT MICREL-LM2576BT Datasheet
58Kb / 9P
52kHz Simple 3A Buck Regulator
LM2576BT MICREL-LM2576BT Datasheet
64Kb / 9P
52kHz Simple 3A Buck Regulator
LM2576BU MICREL-LM2576BU Datasheet
89Kb / 8P
52kHz Simple 3A Buck Voltage Regulator
More results


Similar Description - LM2576BM

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
3A Step Down Switching Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
3A STEP-DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
3A STEP-DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2576 ADDTEK-AMC2576 Datasheet
176Kb / 14P
3A STEP DOWN VOLTAGE REGULATOR
DECEMBER 2006
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
3A STEP DOWN VOLTAGE REGULATOR
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
3A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
3A Step-Down Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com