Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4370 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N4370 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N4370
Download  1N4370 Download
File Size   141.61 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 500mW SILICON ZENER DIODES

1N4370 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4370 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N4370
Download  1N4370 Click to download

File Size   141.61 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 500mW SILICON ZENER DIODES

1N4370 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N4370 Product details

FEATURES
* Zener voltage 2.4V to 12.0V
* Metallurgically bonded device types




Similar Part No. - 1N4370

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4370 MICROSEMI-1N4370 Datasheet
70Kb / 2P
SILICON 500 mW ZENER DIODES
1N4370 MICROSEMI-1N4370 Datasheet
222Kb / 3P
SILICON 400 mW ZENER DIODES
1N4370 MICROSEMI-1N4370 Datasheet
217Kb / 3P
Silicon 500 mW Zener Diodes
1N4370 MICROSEMI-1N4370 Datasheet
36Kb / 2P
DOUBLE PLUG CONSTRUCTION
logo
New Jersey Semi-Conduct...
1N4370 NJSEMI-1N4370 Datasheet
151Kb / 1P
DO-41
More results


Similar Description - 1N4370

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
500mW SILICON ZENER DIODES
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
500mW Silicon Zener Diodes
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
500mW SILICON ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
500mW Silicon Zener Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com