Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9013 Datasheet (PDF) - Tiger Electronic Co.,Ltd

S9013 Datasheet PDF - Tiger Electronic Co.,Ltd
Part # S9013
Download  S9013 Download
File Size   52.23 Kbytes
Page   3 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description NPN EPITAXIAL PLANAR TRANSISTOR

S9013 Datasheet (PDF)

Go To PDF Page Download Datasheet
S9013 Datasheet PDF - Tiger Electronic Co.,Ltd

Part # S9013
Download  S9013 Click to download

File Size   52.23 Kbytes
Page   3 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description NPN EPITAXIAL PLANAR TRANSISTOR

S9013 Datasheet (HTML) - Tiger Electronic Co.,Ltd


S9013 Product details

Description

The S9013 is designed for use in 1W output amplifier of portable radios in class B push-pull operation.



Features

•High Total Power Dissipation. (PT:625mW)

•High Collector Current. (IC:500mA)

• Complementary to S9012

• Excellent linearity.




Similar Part No. - S9013

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S9013 FAIRCHILD-S9013 Datasheet
40Kb / 4P
1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
AUK corp
S9013 AUK-S9013 Datasheet
87Kb / 3P
NPN Silicon Transistor
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Galaxy Semi-Conductor H...
S9013 BILIN-S9013 Datasheet
230Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
logo
Daya Electric Group Co....
S9013 DAYA-S9013 Datasheet
124Kb / 2P
TO-92 Plastic-Encapsulate Transistors
More results


Similar Description - S9013

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com