Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T810-600B Datasheet (PDF) - Tiger Electronic Co.,Ltd

T810-600B Datasheet PDF - Tiger Electronic Co.,Ltd
Part # T810-600B
Download  T810-600B Download
File Size   56.48 Kbytes
Page   1 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 8A TRIACS

T810-600B Datasheet (PDF)

Go To PDF Page Download Datasheet
T810-600B Datasheet PDF - Tiger Electronic Co.,Ltd

Part # T810-600B
Download  T810-600B Click to download

File Size   56.48 Kbytes
Page   1 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 8A TRIACS

T810-600B Datasheet (HTML) - Tiger Electronic Co.,Ltd


T810-600B Product details

GENERAL DESCRIPTION
Available either in through-hole or surface-mount packages, the T810 - 600B triac series is suitable for general purpose AC switching. They can be used as an ON/OFF function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control operation in light dimmers, motor speed controllers, ...
The snubberless versions (T8 Series) are specially recommended for use on inductive loads, thanks to their high commutation performances. By using an internal ceramic pad,




Similar Part No. - T810-600B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810-600B STMICROELECTRONICS-T810-600B Datasheet
102Kb / 5P
HIGH PERFORMANCE TRIACS
May-1998
T810-600B STMICROELECTRONICS-T810-600B Datasheet
129Kb / 11P
8A TRIACS
13-Feb-2006
T810-600B STMICROELECTRONICS-T810-600B Datasheet
151Kb / 12P
Snubberless?? logic level and standard 8 A Triacs
10-Mar-2010
T810-600B STMICROELECTRONICS-T810-600B Datasheet
274Kb / 21P
Snubberless™, logic level and standard 8 A Triacs
09-Aug-2018
logo
HAOPIN MICROELECTRONICS...
T810-600B HAOPIN-T810-600B Datasheet
364Kb / 5P
Blocking voltage to 600 V
More results


Similar Description - T810-600B

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
8A TRIACs
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
8A TRIACs
JST08I JIEJIE-JST08I Datasheet
562Kb / 5P
8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
8A TRIACS
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
8A TRIACS
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
8A TRIACS
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
8A TRIACS
BTA08A UTC-BTA08A_15 Datasheet
200Kb / 4P
8A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT8 JIEJIE-ACJT8 Datasheet
390Kb / 6P
8A TRIACs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com