Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4975 Datasheet (PDF) - Allegro MicroSystems

A4975 Datasheet PDF - Allegro MicroSystems
Part # A4975
Download  A4975 Download
File Size   321.39 Kbytes
Page   13 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Full-Bridge PWM Microstepping Motor Driver

A4975 Datasheet (PDF)

Go To PDF Page Download Datasheet
A4975 Datasheet PDF - Allegro MicroSystems

Part # A4975
Download  A4975 Click to download

File Size   321.39 Kbytes
Page   13 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Full-Bridge PWM Microstepping Motor Driver

A4975 Datasheet (HTML) - Allegro MicroSystems


A4975 Product details

Description

The A4975 is designed to drive one winding of a bipolar stepper motor in a microstepping mode. The outputs are rated for continuous output currents to ±1.5 A and operating voltages to 50 V. Internal pulse width modulated (PWM) current control combined with an internal three-bit nonlinear digital to-analog converter allows the motor current to be controlled in full-, half-, quarter-, or eighth-step (microstepping) modes. Nonlinear increments minimize the number of control lines necessary for microstepping. Microstepping provides increased step resolution, and reduces torque variations and resonance problems at low speed.



Features and Benefits

▪ ±1.5 A continuous output current

▪ 50 V output voltage rating

▪ Internal PWM current control

▪ 3-bit nonlinear DAC

▪ Fast, mixed fast/slow, and slow current-decay modes

▪ Internal thermal shutdown circuitry

▪ Crossover-current and UVLO protection




Similar Part No. - A4975

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
A497-0005-A3 BEL-A497-0005-A3 Datasheet
62Kb / 1P
TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A497-0010-06 BEL-A497-0010-06 Datasheet
60Kb / 1P
1 TAP LEADING EDGE CONTROL PRECISE DELAY MODULES
A497-0010-A3 BEL-A497-0010-A3 Datasheet
62Kb / 1P
TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A497-0015-A3 BEL-A497-0015-A3 Datasheet
62Kb / 1P
TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A497-0020-06 BEL-A497-0020-06 Datasheet
60Kb / 1P
1 TAP LEADING EDGE CONTROL PRECISE DELAY MODULES
More results


Similar Description - A4975

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3955 ALLEGRO-3955 Datasheet
131Kb / 16P
FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
3957 ALLEGRO-3957 Datasheet
150Kb / 16P
FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
A3992 ALLEGRO-A3992 Datasheet
477Kb / 13P
DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3955 ALLEGRO-A3955 Datasheet
423Kb / 13P
Full-Bridge PWM Microstepping Motor Driver
logo
Shindengen Electric Mfg...
MTD2017F SHINDENGEN-MTD2017F Datasheet
91Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
MTD2017G SHINDENGEN-MTD2017G Datasheet
120Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
MTD2018F SHINDENGEN-MTD2018F Datasheet
91Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
MTD2018G SHINDENGEN-MTD2018G Datasheet
120Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
logo
Allegro MicroSystems
A3972 ALLEGRO-A3972 Datasheet
312Kb / 10P
Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3955 ALLEGRO-A3955_12 Datasheet
520Kb / 14P
Full-Bridge PWM Microstepping Motor Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com