Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGG4015 Datasheet (PDF) - Sanken electric

DGG4015 Datasheet PDF - Sanken electric
Part # DGG4015
Download  DGG4015 Download
File Size   276.8 Kbytes
Page   5 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description SANKEN ELECTRIC

DGG4015 Datasheet (PDF)

Go To PDF Page Download Datasheet
DGG4015 Datasheet PDF - Sanken electric

Part # DGG4015
Download  DGG4015 Click to download

File Size   276.8 Kbytes
Page   5 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description SANKEN ELECTRIC

DGG4015 Datasheet (HTML) - Sanken electric


DGG4015 Product details

Features
• Built-in zener Di between collector gate VCL typ. 400V
• Built-in gate protection diode
• SMD PKG TO252
• Low saturated voltage
   VCE(sat) Max. 1.4V (at VGE=10V, IC=5A)

Applications
• Ignitor




Similar Part No. - DGG4015

ManufacturerPart #DatasheetDescription
logo
Sanken electric
DGG4015 SANKEN-DGG4015 Datasheet
277Kb / 5P
Built-in gate protection diode
DGG4015A SANKEN-DGG4015A Datasheet
443Kb / 11P
VBR(CES) = 400 V, IC = 15 A N-channel Ignition IGBT
More results


Similar Description - DGG4015

ManufacturerPart #DatasheetDescription
logo
Sanken electric
ES85044 SANKEN-ES85044 Datasheet
161Kb / 6P
SANKEN ELECTRIC COMPANY,LTD.
SSE-15051 SANKEN-SSE-15051 Datasheet
151Kb / 4P
SANKEN ELECTRIC COMPANY, LTD.
STR-D3000 SANKEN-STR-D3000 Datasheet
171Kb / 5P
SANKEN ELECTRIC COMPANY, LTD.
STR-S6301 SANKEN-STR-S6301 Datasheet
1Mb / 9P
SANKEN ELECTRIC COMPANY, LTD.
STR30130 SANKEN-STR30130 Datasheet
516Kb / 5P
SANKEN ELECTRIC. COidPANY, LTD.
STR59041 SANKEN-STR59041 Datasheet
163Kb / 4P
SANKEN ELECTRIC COMPANY, LTD.
STR-D1005T SANKEN-STR-D1005T Datasheet
168Kb / 6P
SANKEN HYBRID VOLTAGE REGULATOR MODULE
STR50041A SANKEN-STR50041A Datasheet
155Kb / 5P
Sanken Switching Regulator Hybrid IC
STR-6554 SANKEN-STR-6554 Datasheet
186Kb / 1P
SANKEN / STRW6554A ZIP-6 Pin
STRW5634 SANKEN-STRW5634 Datasheet
172Kb / 1P
STRW5634 Sanken
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com