Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCD212 Datasheet (PDF) - Motorola, Inc

MCD212 Datasheet PDF - Motorola, Inc
Part # MCD212
Download  MCD212 Download
File Size   872.52 Kbytes
Page   87 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Video Decoder and System Controller(with JTAG)

MCD212 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCD212 Datasheet PDF - Motorola, Inc

Part # MCD212
Download  MCD212 Click to download

File Size   872.52 Kbytes
Page   87 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Video Decoder and System Controller(with JTAG)

MCD212 Datasheet (HTML) - Motorola, Inc


MCD212 Product details

INTRODUCTION
The Video Decoder and System Controller with JTAG (VDSC/JTAG) is a CMOS device integrating a 680X0 family system controller and video graphics decoder, see Figure 1–1 below.
The MCD212 is a programmable, multi–scan video device that can function as either a master or a slave. It is functionally equivalent to the MCD211 with the addition of JTAG testing. The MCD212 is a drop–in replacement for the MCD211 if the JTAG functionality is not required. It can directly drive up to 5M bytes1 of memory and provides chip–select signals for system ROM and peripherals. The on–chip DRAM controller can support up to 4M bytes DRAM and controls access to the unspecialized System or Video DRAM. The CPU can access any memory location, even during active video display lines, thereby boosting system performance.

FEATURES
System Interface:
• Direct Interface for 680X0 Bus Compatible Devices
• 1M Byte ROM Control
• 1K Byte I/O Control
• Reset Sequencer, Including ROM Shadowing
• Watchdog Timer

DRAM Interface:
• 4M Byte DRAM Direct Drive
• 256K x 4, 1M x 4, and 256K x 16 DRAM Types Can be Used

Video Interface:
• Up to 768 x 560 Screen Resolution
• Capability to Display Run–length Coded Files
• Mosaic Effect
• 256–entry Color Look Up Table (CLUT)
• Two Delta YUV Decoders
• Cursor Shape, Color, and Blink Control
• Overlaying of Four Video Planes
• Special Effects via Weight Control, Priority Control, etc.
• Dynamic Programmable Registers and CLUT Reload in Retrace Period
• Digital RGB Output (8 Bits per Component)
• Synchro Generator for 50 and 60 Hz Scan
• Synchronization with External Video

General:
• CMOS Technology
• 160–pin Quad Flat Pack Plastic Package




Similar Part No. - MCD212

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCD200 IXYS-MCD200 Datasheet
94Kb / 3P
Thyristor Modules
MCD200 IXYS-MCD200 Datasheet
83Kb / 3P
Thyristor Modules
MCD200-14IO1 IXYS-MCD200-14IO1 Datasheet
83Kb / 3P
Thyristor Modules
MCD200-16IO1 IXYS-MCD200-16IO1 Datasheet
83Kb / 3P
Thyristor Modules
logo
New Jersey Semi-Conduct...
MCD200-16IO1 NJSEMI-MCD200-16IO1 Datasheet
265Kb / 4P
Thyristor/ Diode Module
More results


Similar Description - MCD212

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8217 STMICROELECTRONICS-TDA8217 Datasheet
88Kb / 9P
PAL DECODER AND VIDEO PROCESSOR
Apr-1996
logo
Siemens Semiconductor G...
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
SDA5649 SIEMENS-SDA5649 Datasheet
479Kb / 26P
Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
logo
Motorola, Inc
MCF5249PB MOTOROLA-MCF5249PB Datasheet
287Kb / 16P
system controller/decoder
logo
Altera Corporation
EPM240 ALTERA-EPM240 Datasheet
103Kb / 10P
JTAG & In-System Programmability
logo
Analog Devices
ADV7186 AD-ADV7186 Datasheet
70Kb / 2P
Video Decoder and Display Processor
Rev. SpB
logo
Toshiba Semiconductor
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
Multi System Video Decoder
TC90104FG TOSHIBA-TC90104FG Datasheet
879Kb / 18P
Multi System Video Decoder IC
TC90106FG TOSHIBA-TC90106FG Datasheet
726Kb / 18P
Multi System Video Decoder for Component input
TC90A92AFG TOSHIBA-TC90A92AFG Datasheet
466Kb / 34P
3D comb and Video Decoder
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com