Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3157 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N3157 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N3157
Download  1N3157 Download
File Size   109.52 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description ZENER VOLTAGE 8.4V

1N3157 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3157 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N3157
Download  1N3157 Click to download

File Size   109.52 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description ZENER VOLTAGE 8.4V

1N3157 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N3157 Product details

temperature compensated zener diodes




Similar Part No. - 1N3157

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N3157 CDI-DIODE-1N3157 Datasheet
96Kb / 2P
8.4 V0LT NOMINAL ZENER VOLTAGE
logo
Microsemi Corporation
1N3157 MICROSEMI-1N3157 Datasheet
72Kb / 2P
8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3157 MICROSEMI-1N3157 Datasheet
107Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3157 MICROSEMI-1N3157 Datasheet
137Kb / 3P
8.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N3157 NJSEMI-1N3157 Datasheet
90Kb / 1P
Ref/Reg Diode, 250mW < P(D) s 400mW
More results


Similar Description - 1N3157

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8244H TOSHIBA-TA8244H Datasheet
479Kb / 10P
MULTI-OUTPUT VOLTAGE REGULATOR (8.4V OUTPUTS)
logo
Leshan Radio Company
LM3Z2V4T1G LRC-LM3Z2V4T1G Datasheet
350Kb / 8P
Zener Voltage Regulators
logo
ON Semiconductor
MM5Z12VT1G ONSEMI-MM5Z12VT1G Datasheet
102Kb / 4P
Zener Voltage Regulators
April, 2013 ??Rev. 10
MM5Z3V3T1G ONSEMI-MM5Z3V3T1G Datasheet
102Kb / 4P
Zener Voltage Regulators
April, 2013 ??Rev. 10
BZX84B15LT1G ONSEMI-BZX84B15LT1G Datasheet
142Kb / 7P
Zener Voltage Regulators
May, 2013 ??Rev. 17
SZMM3Z20VT1G ONSEMI-SZMM3Z20VT1G Datasheet
107Kb / 5P
Zener Voltage Regulators
January, 2012 ??Rev. 9
logo
Shenzhen Luguang Electr...
SM5A27 LUGUANG-SM5A27 Datasheet
149Kb / 2P
Zener Voltage
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
M5Z15V AITSEMI-M5Z15V Datasheet
572Kb / 8P
ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
M5Z8V2 AITSEMI-M5Z8V2 Datasheet
572Kb / 8P
ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com