Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3785 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N3785 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N3785
Download  1N3785 Download
File Size   148.58 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Low silhouette single-ended package

1N3785 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3785 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N3785
Download  1N3785 Click to download

File Size   148.58 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Low silhouette single-ended package

1N3785 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N3785 Product details

Low silhouette single-ended package for printed circuit or socket mounting, Cathode connected to case.

MAXIMUM RATING
   Junction And Storage Temperature: -65°C to +175°C
   DC Power Dissipation: 1.5 Watts at 25°C Ambient. (Derate 10 mW/°C).




Similar Part No. - 1N3785

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N3782 NJSEMI-1N3782 Datasheet
72Kb / 1P
Ref/Reg Diode, 250mW < P9D) s 400mW
More results


Similar Description - 1N3785

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41820 EPCOS-B41820 Datasheet
93Kb / 6P
Single-Ended Capacitors Low Profile
B41825 EPCOS-B41825 Datasheet
98Kb / 7P
Single-Ended Capacitors Low Leakage Current
B41852 EPCOS-B41852 Datasheet
90Kb / 6P
Single-Ended GP Capacitors Low Profile
B41856 EPCOS-B41856 Datasheet
97Kb / 8P
Single-Ended Capacitors Low Impedance
B41859 EPCOS-B41859 Datasheet
93Kb / 7P
Single-Ended Capacitors Very Low Impedance
logo
Analog Devices
ADA4303-2 AD-ADA4303-2_15 Datasheet
266Kb / 12P
Single-Ended, Low Cost Active RF Splitter
REV. 0
ADA4304-3 AD-ADA4304-3_15 Datasheet
438Kb / 12P
Single-Ended, Low Cost, Active RF Splitters
REV. 0
logo
Laird Tech Smart Techno...
SL17182P LSTD-SL17182P Datasheet
908Kb / 1P
Neutral color and low silhouette
logo
Transko Electronics, In...
TF525000AG-SP TRANSKO-TF525000AG-SP Datasheet
1Mb / 3P
Single Ended
Rev. 0: Nov. 2022
TF566200AG-SP TRANSKO-TF566200AG-SP Datasheet
1Mb / 3P
Single Ended
Rev. 0: Nov. 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com