Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3879 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N3879 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N3879
Download  1N3879 Download
File Size   128.73 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description FAST RECOVERY POWER RECTIFIERS

1N3879 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3879 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N3879
Download  1N3879 Click to download

File Size   128.73 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description FAST RECOVERY POWER RECTIFIERS

1N3879 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N3879 Product details

GENERAL PURPOSE & INDUSTRIAL

FAST RECOVERY RECTIFIER DIODES < 100 A




Similar Part No. - 1N3879

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879 Datasheet
110Kb / 2P
Fast Recovery Rectifier
logo
International Rectifier
1N3879 IRF-1N3879 Datasheet
2Mb / 10P
FAST RECOVERY DIODES
1N3879 IRF-1N3879 Datasheet
315Kb / 8P
6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
1N3879 VISHAY-1N3879 Datasheet
2Mb / 11P
Fast Recovery Diodes(Stud Version)
26-Sep-08
logo
Solid States Devices, I...
1N3879 SSDI-1N3879 Datasheet
201Kb / 2P
6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
More results


Similar Description - 1N3879

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR870 MOTOROLA-MBR870 Datasheet
211Kb / 5P
Fast Recovery POWER RECTIFIERS
logo
New Jersey Semi-Conduct...
1N3909 NJSEMI-1N3909 Datasheet
131Kb / 1P
FAST RECOVERY POWER RECTIFIERS
logo
America Semiconductor, ...
FR30K05 AMERICASEMI-FR30K05 Datasheet
410Kb / 2P
High Power- Fast Recovery Rectifiers
FR16B05 AMERICASEMI-FR16B05 Datasheet
574Kb / 2P
High Power- Fast Recovery Rectifiers
FR16B02 AMERICASEMI-FR16B02 Datasheet
449Kb / 2P
High Power- Fast Recovery Rectifiers
logo
New Jersey Semi-Conduct...
MR830 NJSEMI-MR830 Datasheet
43Kb / 1P
FAST RECOVERY POWER RECTIFIERS
MR810 NJSEMI-MR810 Datasheet
88Kb / 1P
FAST RECOVERY POWER RECTIFIERS
MR870 NJSEMI-MR870 Datasheet
167Kb / 2P
FAST RECOVERY POWER RECTIFIERS
MR1376 NJSEMI-MR1376 Datasheet
89Kb / 1P
FAST RECOVERY POWER RECTIFIERS
MR2400F NJSEMI-MR2400F Datasheet
123Kb / 2P
FAST RECOVERY POWER RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com