Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3993 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N3993 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N3993
Download  1N3993 Download
File Size   87.16 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 10 WATTS ZEMER DIODES

1N3993 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3993 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N3993
Download  1N3993 Click to download

File Size   87.16 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 10 WATTS ZEMER DIODES

1N3993 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N3993 Product details

10 WATT ZENER DIODES

MAXIMUM RATING
   Junction and Storage Temperature: -65°C to +175°C
   DC Power Dissipation: 10 Watts. (Derate 83.3 mW/°C above 55°C).




Similar Part No. - 1N3993

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3993 MICROSEMI-1N3993 Datasheet
215Kb / 4P
10 WATT ZENER DIODES
1N3993A MICROSEMI-1N3993A Datasheet
103Kb / 2P
Silicon 10 WATT Zener Diodes
1N3993A MICROSEMI-1N3993A Datasheet
215Kb / 4P
10 WATT ZENER DIODES
1N3993A MICROSEMI-1N3993A Datasheet
103Kb / 2P
SILICON 10 WATT ZENER DIODES
logo
Digitron Semiconductors
1N3993A DIGITRON-1N3993A Datasheet
184Kb / 3P
10 WATT ZENER DIODES
More results


Similar Description - 1N3993

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA10-48-3.3S ETC1-SA10-48-3.3S Datasheet
120Kb / 2P
10 Watts
logo
Astec America, Inc
AEE01AA24 ASTEC-AEE01AA24 Datasheet
141Kb / 2P
10 Watts
AEE02F12-49 ASTEC-AEE02F12-49 Datasheet
1Mb / 2P
10 Watts
AEE02F24 ASTEC-AEE02F24 Datasheet
134Kb / 2P
10 Watts
AER03 ASTEC-AER03 Datasheet
561Kb / 2P
10 Watts
ASA03G24-L ASTEC-ASA03G24-L Datasheet
94Kb / 2P
10 Watts
logo
New Jersey Semi-Conduct...
1N2804 NJSEMI-1N2804 Datasheet
227Kb / 2P
50 WATTS ZENER DIODES
logo
XP Power Limited
ECE05-10-SERIES XPPOWER-ECE05-10-SERIES Datasheet
158Kb / 2P
5/10 Watts
logo
Anaren Microwave
10-100RV ANAREN-10-100RV Datasheet
200Kb / 2P
10 Watts
logo
New Jersey Semi-Conduct...
1N5913A NJSEMI-1N5913A Datasheet
93Kb / 1P
1.5 WATTS ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com