Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

542LP4E Datasheet (PDF) - Hittite Microwave Corporation

542LP4E Datasheet PDF - Hittite Microwave Corporation
Part # 542LP4E
Download  542LP4E Download
File Size   621.7 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3 GHz

542LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
542LP4E Datasheet PDF - Hittite Microwave Corporation

Part # 542LP4E
Download  542LP4E Click to download

File Size   621.7 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3 GHz

542LP4E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - 542LP4E

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
542 KEYSTONE-542 Datasheet
401Kb / 1P
HANDLES
31-07 20th
logo
National Semiconductor ...
5420 NSC-5420 Datasheet
93Kb / 4P
Dual 4-Input NAND Gates
logo
Heyco.
5420 HEYCO-5420 Datasheet
380Kb / 2P
Full Thickness Male Blades
logo
Christian Bürkert GmbH ...
5420 BURKERT-5420 Datasheet
1Mb / 11P
4/2 way Solenoid Valve for pneumatics
20.11.2019
logo
Extreme Networks.
5420 EXTREMENETWORKS-5420 Datasheet
264Kb / 17P
Universal Edge Switch Platform
5aug24
More results


Similar Description - 542LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC472LP4 HITTITE-HMC472LP4 Datasheet
346Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC542LP4 HITTITE-HMC542LP4 Datasheet
469Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3.0 GHz
HMC624LP4 HITTITE-HMC624LP4 Datasheet
337Kb / 10P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC542LP4 HITTITE-HMC542LP4_09 Datasheet
322Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3 GHz
HMC472LP4 HITTITE-HMC472LP4_09 Datasheet
359Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
HMC542ALP4 HITTITE-HMC542ALP4 Datasheet
968Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 4 GHz
HMC624LP4 HITTITE-HMC624LP4_10 Datasheet
1Mb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC1095LP4E HITTITE-HMC1095LP4E Datasheet
165Kb / 1P
0.5 dB LSB GaAs MMIC 6-BIT 75 Ohms DIGITAL ATTENUATOR, DC - 3 GHz
logo
Analog Devices
HMC472ALP4 AD-HMC472ALP4 Datasheet
717Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
HMC542BLP4E AD-HMC542BLP4E Datasheet
742Kb / 9P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 4 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com