Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7608 Datasheet (PDF) - Analog Devices

AD7608 Datasheet PDF - Analog Devices
Part # AD7608
Download  AD7608 Download
File Size   689.92 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC

AD7608 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7608 Datasheet PDF - Analog Devices

Part # AD7608
Download  AD7608 Click to download

File Size   689.92 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC

AD7608 Datasheet (HTML) - Analog Devices


AD7608 Product details

GENERAL DESCRIPTION
The AD7608 is an 18-bit, 8-channel simultaneous sampling, analog-to-digital data acquisition system (DAS). The part contains analog input clamp protection, a second-order antialiasing filter, a track-and-hold amplifier, an 18-bit charge redistribution successive approximation analog-to-digital converter (ADC), a flexible digital filter, a 2.5 V reference and reference buffer, and high speed serial and parallel interfaces.

FEATURES
   8 simultaneously sampled inputs
   True bipolar analog input ranges: ±10 V, ±5 V
   Single 5 V analog supply and 2.3 V to 5.25 V VDRIVE
   Fully integrated data acquisition solution
      Analog input clamp protection
      Input buffer with 1 MΩ analog input impedance
      Second-order antialiasing analog filter
      On-chip accurate reference and reference buffer
      18-bit ADC with 200 kSPS on all channels
      Oversampling capability with digital filter
   Flexible parallel/serial interface
   SPI/QSPI™/MICROWIRE™/DSP compatible
   Pin compatible solutions from 14-bits to 18-bits
   Performance
      7 kV ESD rating on analog input channels
      98 dB SNR, −107 dB THD
      Low power: 100 mW
      Standby mode: 25 mW
   64-lead LQFP package

APPLICATIONS
   Power line monitoring and protection systems
   Multiphase motor controls
   Instrumentation and control systems
   Multiaxis positioning systems
   Data acquisition systems (DAS)




Similar Part No. - AD7608

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
799Kb / 36P
8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608 AD-AD7608 Datasheet
799Kb / 36P
8-Channel Differential DAS with 18-Bit
REV. A
AD7608 AD-AD7608 Datasheet
725Kb / 33P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
23-Feb-2017
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608BSTZ AD-AD7608BSTZ Datasheet
725Kb / 33P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
23-Feb-2017
More results


Similar Description - AD7608

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7606 AD-AD7606 Datasheet
799Kb / 36P
8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
AD7609 AD-AD7609 Datasheet
799Kb / 36P
8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7607 AD-AD7607 Datasheet
681Kb / 32P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
Rev. C
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
23-Feb-2017
AD7606 AD-AD7606_17 Datasheet
955Kb / 36P
8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
01-Nov-2017
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
23-Feb-2017
AD7606B AD-AD7606B_19 Datasheet
1Mb / 69P
8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
6/2019-Revision 0
AD7606C-18 AD-AD7606C-18 Datasheet
1Mb / 75P
8-Channel DAS with 18-Bit, 1 MSPS Bipolar Input, Simultaneous Sampling ADC
10/2020-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com