Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8228 Datasheet (PDF) - Analog Devices

AD8228 Datasheet PDF - Analog Devices
Part # AD8228
Download  AD8228 Download
File Size   378.74 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier

AD8228 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8228 Datasheet PDF - Analog Devices

Part # AD8228
Download  AD8228 Click to download

File Size   378.74 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier

AD8228 Datasheet (HTML) - Analog Devices


AD8228 Product details

GENERAL DESCRIPTION
The AD8428 is an ultralow noise instrumentation amplifier designed to accurately measure tiny, high speed signals. It delivers industry-leading gain accuracy, noise, and bandwidth.
All gain setting resistors for the AD8428 are internal to the part and are precisely matched. Care is taken in both the chip pinout and layout. This results in excellent gain drift and quick settling to the final gain value after the part is powered on.
The high CMRR of the AD8428 prevents unwanted signals from corrupting the signal of interest. The pinout of the AD8428 is designed to avoid parasitic capacitance mismatches that can degrade CMRR at high frequencies.

FEATURES
   Fixed gain of 2000
   Access to internal nodes provides flexibility
   Low noise: 1.5 nV/√Hz input voltage noise
   High accuracy dc performance
      Gain drift: 5 ppm/°C
      Offset drift: 0.3 μV/°C
      Gain accuracy: 0.05%
      CMRR: 140 dB min
   Excellent ac specifications
      Bandwidth: 3.5 MHz
      Slew rate: 40 V/μs
   Power supply range: ±4 V to ±18 V
   8-lead SOIC package
   ESD protection: 5000 V (HBM)
   Temperature range for specified performance:
      −40°C to +85°C
   Operational up to 125°C

APPLICATIONS
   Sensor interface
   Medical instrumentation
   Patient monitoring




Similar Part No. - AD8228

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8228 AD-AD8228 Datasheet
581Kb / 24P
Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8228 AD-AD8228 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8228 AD-AD8228 Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
AD8228 AD-AD8228 Datasheet
805Kb / 28P
Wide Supply Range, Rail-to-Rail
REV. 0
AD8228 AD-AD8228 Datasheet
361Kb / 20P
Low Noise, Low Gain Drift, G = 2000
REV. A
More results


Similar Description - AD8228

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA166 TI-INA166 Datasheet
148Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
3626 BURR-BROWN-3626 Datasheet
295Kb / 4P
Low Drift INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA166 TI-INA166_06 Datasheet
147Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8228 AD-AD8228 Datasheet
581Kb / 24P
Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8428 AD-AD8428_12 Datasheet
361Kb / 20P
Low Noise, Low Gain Drift, G = 2000
REV. A
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621 AD-AD621_15 Datasheet
520Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
Texas Instruments
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD621 AD-AD621_16 Datasheet
619Kb / 17P
Low Drift, Low Power Instrumentation Amplifier
REV. B
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
Low Gain Drift Precision Instrumentation Amplifier
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com