Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBT14065 Datasheet (PDF) - SIPAT Co,Ltd

LBT14065 Datasheet PDF - SIPAT Co,Ltd
Part # LBT14065
Download  LBT14065 Download
File Size   135.42 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 140MHz SAW Filter 9.4MHz Bandwidth

LBT14065 Datasheet (PDF)

Go To PDF Page Download Datasheet
LBT14065 Datasheet PDF - SIPAT Co,Ltd

Part # LBT14065
Download  LBT14065 Click to download

File Size   135.42 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 140MHz SAW Filter 9.4MHz Bandwidth

LBT14065 Datasheet (HTML) - SIPAT Co,Ltd




Similar Part No. - LBT14065

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT14065 SIPAT-LBT14065 Datasheet
135Kb / 3P
140MHz SAW Filter 9.4MHz Bandwidth
More results


Similar Description - LBT14065

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN16023 SIPAT-LBN16023 Datasheet
280Kb / 3P
160MHz SAW Filter 9.4MHz Bandwidth
LB140DS17 SIPAT-LB140DS17 Datasheet
155Kb / 3P
140MHz SAW Filter 24MHz Bandwidth
LB140DS51 SIPAT-LB140DS51 Datasheet
319Kb / 3P
140MHz SAW Filter 23.9MHz Bandwidth
LBN140A60 SIPAT-LBN140A60 Datasheet
196Kb / 3P
140MHz SAW Filter 29MHz Bandwidth
LBN140A69 SIPAT-LBN140A69 Datasheet
176Kb / 3P
140MHz SAW Filter 26MHz Bandwidth
LBT11570 SIPAT-LBT11570 Datasheet
148Kb / 3P
115MHz SAW Filter 9.4MHz Bandwidth
LBN16023 SIPAT-LBN16023 Datasheet
286Kb / 3P
160MHz SAW Filter 9.4MHz Bandwidth
LBT11570 SIPAT-LBT11570 Datasheet
148Kb / 3P
115MHz SAW Filter 9.4MHz Bandwidth
LBT14065 SIPAT-LBT14065 Datasheet
135Kb / 3P
140MHz SAW Filter 9.4MHz Bandwidth
logo
Oscilent Corporation
813-SL140.0M-10 OSCILENT-813-SL140.0M-10_14 Datasheet
128Kb / 4P
Low-Loss 140MHz IF SAW Filter 9.4MHz Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com