Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBT144701 Datasheet (PDF) - SIPAT Co,Ltd

LBT144701 Datasheet PDF - SIPAT Co,Ltd
Part # LBT144701
Download  LBT144701 Download
File Size   172.43 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 1447MHz SAW Filter 40MHz Bandwidth

LBT144701 Datasheet (PDF)

Go To PDF Page Download Datasheet
LBT144701 Datasheet PDF - SIPAT Co,Ltd

Part # LBT144701
Download  LBT144701 Click to download

File Size   172.43 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 1447MHz SAW Filter 40MHz Bandwidth

LBT144701 Datasheet (HTML) - SIPAT Co,Ltd




Similar Part No. - LBT144701

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT14020 SIPAT-LBT14020 Datasheet
42Kb / 1P
SAW Filter Electrical Characteristic
LBT14020 SIPAT-LBT14020 Datasheet
47Kb / 1P
SAW Filter Electrical Characteristic
LBT14021B SIPAT-LBT14021B Datasheet
23Kb / 1P
SAW Filter Electrical Characteristic
LBT14021B SIPAT-LBT14021B Datasheet
24Kb / 1P
SAW Filter Electrical Characteristic
LBT14049 SIPAT-LBT14049 Datasheet
47Kb / 1P
SAW Filter Electrical Characteristic
More results


Similar Description - LBT144701

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN140A35 SIPAT-LBN140A35 Datasheet
152Kb / 3P
140MHz SAW Filter 40MHz Bandwidth
LBN19203 SIPAT-LBN19203 Datasheet
141Kb / 3P
192MHz SAW Filter 40MHz Bandwidth
LBT190001 SIPAT-LBT190001 Datasheet
174Kb / 3P
1900MHz SAW Filter 40MHz Bandwidth
LB140DS48 SIPAT-LB140DS48 Datasheet
367Kb / 9P
140MHz SAW Filter 40MHz Bandwidth
LBN13011 SIPAT-LBN13011 Datasheet
136Kb / 3P
130MHz SAW Filter 40MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0318A TAI-SAW-TB0318A Datasheet
459Kb / 6P
SAW Filter 40MHz SMD 7.0횞5.0 mm
logo
SIPAT Co,Ltd
LBN04001 SIPAT-LBN04001 Datasheet
322Kb / 3P
40MHz SAW Filter
LBN04002 SIPAT-LBN04002 Datasheet
290Kb / 3P
40MHz SAW Filter
LBN13011 SIPAT-LBN13011 Datasheet
136Kb / 3P
130MHz SAW Filter 40MHz Bandwidth
LBN19203 SIPAT-LBN19203 Datasheet
141Kb / 3P
192MHz SAW Filter 40MHz Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com