Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104CA Datasheet (PDF) - ATMEL Corporation

AT88SC0104CA Datasheet PDF - ATMEL Corporation
Part # AT88SC0104CA
Download  AT88SC0104CA Download
File Size   664.86 Kbytes
Page   66 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Atmel CryptoMemory Specification Datasheet

AT88SC0104CA Datasheet (PDF)

Go To PDF Page Download Datasheet
AT88SC0104CA Datasheet PDF - ATMEL Corporation

Part # AT88SC0104CA
Download  AT88SC0104CA Click to download

File Size   664.86 Kbytes
Page   66 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Atmel CryptoMemory Specification Datasheet

AT88SC0104CA Datasheet (HTML) - ATMEL Corporation


AT88SC0104CA Product details

Description
The Atmel AT88SC0104CA member of the Atmel CryptoMemory® family is a high-performance secure memory providing 1Kbit of user memory with advanced security and cryptographic features built in. The user memory is divided into four 32-byte zones, each of which may be individually set with different security access rights or effectively combined together to provide space for one to four data files. The AT88SC0104CA features an enhanced command set that allows direct communication with microcontroller hardware two-wire interface thereby allowing for faster firmware development with reduced code space requirements.

Features
• One of a family of devices with user memories from 1Kbit to 8Kbits
• 1Kbit (128-byte) EEPROM user memory
   • Four 256-bit (32-byte) zones
   • Self-timed write cycle
   • Single byte or 16-byte page write mode
   • Programmable access rights for each zone
• 2Kbit configuration zone
   • 37-byte OTP Area for User-defined Codes
   • 160-byte Area for User-defined Keys and Passwords
• High security features
   • 64-bit mutual authentication protocol (under license of ELVA)
   • Cryptographic Message Authentication Codes (MAC)
   • Stream encryption
   • Four key sets for authentication and encryption
   • Eight sets of two 24-bit passwords
   • Anti-tearing function
   • Voltage and frequency monitors
• Smart card features
   • ISO 7816 Class B (3V) operation
   • ISO 7816-3 asynchronous T=0 protocol (Gemplus® Patent) *
   • Multiple zones, key sets and passwords for multi-application use
   • Synchronous two-wire serial interface for faster device initialization *
   • Programmable 8-byte answer-to-reset register
   • ISO 7816-2 compliant modules
• Embedded application features
   • Low voltage supply: 2.7V – 3.6V
   • Secure nonvolatile storage for sensitive system or user information
   • Two-wire serial interface (TWI, 5V compatible)
   • 1.0MHz compatibility for fast operation
   • Standard 8-lead plastic packages, green compliant (exceeds RoHS)
   • Same pin configuration as Atmel® AT24CXXX Serial EEPROM in SOIC and PDIP packages
• High reliability
   • Endurance: 100,000 cycles
   • Data retention: 10 years
   • ESD protection: 2,000V min




Similar Part No. - AT88SC0104CA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CA ATMEL-AT88SC0104CA Datasheet
530Kb / 20P
CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA Datasheet
1Mb / 58P
CryptoMemory Specification for Standard Mode of Operation
AT88SC0104CA ATMEL-AT88SC0104CA Datasheet
219Kb / 24P
CryptoMemory짰
AT88SC0104CA ATMEL-AT88SC0104CA Datasheet
289Kb / 23P
One of a family of devices with user memories from 1Kbit to 8Kbits
AT88SC0104CA-MJ ATMEL-AT88SC0104CA-MJ Datasheet
530Kb / 20P
CryptoMemory
More results


Similar Description - AT88SC0104CA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0204CA ATMEL-AT88SC0204CA_11 Datasheet
307Kb / 23P
Atmel CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_11 Datasheet
304Kb / 23P
Atmel CryptoMemory
AT88SC0104CA-SH ATMEL-AT88SC0104CA-SH Datasheet
664Kb / 66P
Atmel CryptoMemory Specification Datasheet
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
Atmel CryptoMemory
AT88SC0204C ATMEL-AT88SC0204C_14 Datasheet
1Mb / 79P
Atmel CryptoMemory Full Specification
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
Atmel CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_14 Datasheet
442Kb / 24P
Atmel CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
902Kb / 71P
Atmel CryptoMemory Low Density Full Specification
AT88SC0808CA ATMEL-AT88SC0808CA_14 Datasheet
902Kb / 71P
Atmel CryptoMemory Low Density Full Specification
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com