Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49RA1 Datasheet (PDF) - Holtek Semiconductor Inc

HT49RA1 Datasheet PDF - Holtek Semiconductor Inc
Part # HT49RA1
Download  HT49RA1 Download
File Size   464.46 Kbytes
Page   58 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Remote Type 8-Bit MCU with LCD

HT49RA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT49RA1 Datasheet PDF - Holtek Semiconductor Inc

Part # HT49RA1
Download  HT49RA1 Click to download

File Size   464.46 Kbytes
Page   58 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Remote Type 8-Bit MCU with LCD

HT49RA1 Datasheet (HTML) - Holtek Semiconductor Inc


HT49RA1 Product details

General Description
The HT49RA1/HT49CA1 is a Remote Type 8-bit MCU 8-bit high performance RISC architecture microcontroller. With its internal carrier generator and LCD Driver functions the device is is especially suitable for multiple I/O remote control product applications. The usual Holtek MCU features such as power down and wake-up functions, oscillator options, etc. combine to ensure user applications require a minimum of external components.

Features
• Operating voltage: 2.0V~3.6V
• 12 bidirectional I/O lines, 8 input lines, 8 segment output, PC0 (input/output)/REM
• Two external interrupt inputs shared with an I/O line
• 8-bit programmable Timer/Event Counter with overflow interrupt function
• Single 16-bit programmable timer/event counter with overflow interrupt function
• RC oscillator and 32768Hz crystal oscillator
• LCD driver with 33x2, 33x3 or 32x4 segments (C type only), 8 logical output option for SEG12~SEG19 and 4 I/O port option for SEG0~SEG3 by changing LCDC register
• 4096x15 program memory
• 160x8 data memory
• Real Time Clock - RTC
• 8-bit prescaler for RTC
• One carrier output (1/2 or 1/3 duty)
• Software LCD, RTC control
• Watchdog Timer function
• Power down and wake-up functions to reduce power consumption
• Up to 1μs instruction cycle with 4MHz system clock
• 4-level subroutine nesting
• Bit manipulation instruction
• Table read instructions
• 63 powerful instructions
• All instructions executed in one or two machine cycles
• Low voltage reset/detector function
• 64-pin LQFP package




Similar Part No. - HT49RA1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49RA1 HOLTEK-HT49RA1_14 Datasheet
509Kb / 57P
Remote Type 8-Bit MCU with LCD
March 30, 2014
More results


Similar Description - HT49RA1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
8-Bit Remote Type MCU
July 16, 2003
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
Remote Type 8-Bit MCU
June 25, 2004
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
Remote Type 8-Bit MCU
December 21, 2005
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
Remote Type 8-Bit MCU
October 12, 2007
HT49RA0 HOLTEK-HT49RA0 Datasheet
294Kb / 39P
Remote Type 8-Bit MCU with LCD
October 24, 2007
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
Remote Type 8-Bit MCU
October 12, 2007
HT49RA0-6 HOLTEK-HT49RA0-6 Datasheet
329Kb / 49P
Remote Type 8-Bit MCU with LCD
February 18, 2013
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
Remote Type 8-bit MCU
March 24, 2016
HT49RA0 HOLTEK-HT49RA0_14 Datasheet
352Kb / 40P
Remote Type 8-Bit MCU with LCD
March 20, 2014
HT49RA1 HOLTEK-HT49RA1_14 Datasheet
509Kb / 57P
Remote Type 8-Bit MCU with LCD
March 30, 2014
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com