Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7022A-2 Datasheet (PDF) - Holtek Semiconductor Inc

HT7022A-2 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7022A-2
Download  HT7022A-2 Download
File Size   143.98 Kbytes
Page   17 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description TinyPowerTM Voltage Detector

HT7022A-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7022A-2 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7022A-2
Download  HT7022A-2 Click to download

File Size   143.98 Kbytes
Page   17 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description TinyPowerTM Voltage Detector

HT7022A-2 Datasheet (HTML) - Holtek Semiconductor Inc


HT7022A-2 Product details

General Description

The HT70xxA-2 series devices area set of three terminal low power voltage detectors implemented in CMOS technology. Each voltage detector in the series detects a particular fixed voltage ranging from 2.2V to 8.2V. The voltage detectors consist of a high-precision and low power consumption standard voltage source as well as a comparator, hysteresis circuit, and an output driver. CMOS technology ensures low power consumption. Although designed primarily as fixed voltage detectors, these devices can be used with external components to detect user specified threshold voltages.



Features

• Low power consumption

• Low temperature coefficient

• High input voltage range (up to 24V)

• Output voltage accuracy: tolerance ±1%

• Built-in hysteresis characteristic

• TO92, SOT89 and SOT23-5 package



Applications

• Battery checkers

• Level selectors

• Power failure detectors

• Microcomputer reset

• Battery memory backup

• Non-volatile RAM signal storage protectors



 




Similar Part No. - HT7022A-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7022A-2 HOLTEK-HT7022A-2 Datasheet
144Kb / 17P
TinyPowerTM Voltage Detector
December 14, 2012
More results


Similar Description - HT7022A-2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
300mA TinyPowerTM LDO
June 20, 2007
HT70XXA-1 HOLTEK-HT70XXA-1_13 Datasheet
558Kb / 15P
TinyPowerTM Voltage Detector
April 30, 2013
HT70XXA-2 HOLTEK-HT70XXA-2 Datasheet
144Kb / 17P
TinyPowerTM Voltage Detector
December 14, 2012
HT70XXA-3 HOLTEK-HT70XXA-3 Datasheet
1Mb / 15P
TinyPowerTM Voltage Detector
April 18, 2013
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
VOLTAGE DETECTOR
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com