Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7718S Datasheet (PDF) - Holtek Semiconductor Inc

HT7718S Datasheet PDF - Holtek Semiconductor Inc
Part # HT7718S
Download  HT7718S Download
File Size   2204.88 Kbytes
Page   29 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 100mA PFM Synchronous Step-up DC/DC Converter

HT7718S Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7718S Datasheet PDF - Holtek Semiconductor Inc

Part # HT7718S
Download  HT7718S Click to download

File Size   2204.88 Kbytes
Page   29 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 100mA PFM Synchronous Step-up DC/DC Converter

HT7718S Datasheet (HTML) - Holtek Semiconductor Inc


HT7718S Product details

The HT77xxS devices are a high efficiency PFM synchronous step-up DC-DC converter series which are designed to operate with both wire wound chip power inductors and also with multi-layered chip power inductors. The device series have the advantages of extremely low start-up voltage as well as high output voltage accuracy. Being manufactured using CMOS technology ensures ultra low supply current. Because of their higher operating frequency, up to 500 kHz, the devices have the benefits of requiring smaller out line type lower value external inductors and capacitors. The higher operating frequency also offers theadvantages of much reduced audio frequency noise. The devices require only three external components to provide a fixed output voltage of 1.8V, 2.2V, 2.7V,3.0V, 3.3V, 3.7V or 5.0V.

Features
• Low start-up voltage: 0.7V (Typ.)
• High efficiency: 1.8V ≤ VOUT ≤ 2.2V upper 80%,2.7V ≤ VOUT ≤ 5.0V upper 85% (Typ.)
• High output voltage accuracy: ±2.5%
• Output voltage: 1.8V, 2.2V, 2.7V, 3.0V, 3.3V, 3.7V,5.0V
• Output current up to 100mA
• Ultra low supply current IDD: 4μA (Typ.)
• Low ripple and low noise
• Low shutdown current: 0.1μA (Typ.)
• TO92, SOT89, SOT23 and SOT23-5 package




Similar Part No. - HT7718S

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7718S HOLTEK-HT7718S Datasheet
1Mb / 25P
100mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
HT7718S HOLTEK-HT7718S_16 Datasheet
1Mb / 25P
100mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
More results


Similar Description - HT7718S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
PFM Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT7718 HOLTEK-HT7718_10 Datasheet
474Kb / 19P
PFM Asynchronous Step-up DC to DC Converter (100mA)
October 13, 2010
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
Step-Up Synchronous PFM DC/DC Converter
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
PFM Synchronous Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
PFM step-up DC/DC converter
logo
Holtek Semiconductor In...
HT7718 HOLTEK-HT7718_16 Datasheet
406Kb / 16P
PFM Asynchronous Step-up DC to DC Converter (100mA)
June 25, 2016
HT7718S HOLTEK-HT7718S_16 Datasheet
1Mb / 25P
100mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
HT7727SA HOLTEK-HT7727SA Datasheet
3Mb / 17P
200mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com