Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS232 Datasheet (PDF) - National Instruments Corporation

RS232 Datasheet PDF - National Instruments Corporation
Part # RS232
Download  RS232 Download
File Size   477.45 Kbytes
Page   7 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description Wireless Sensor Network Serial Nodes NI WSN-3230 (RS232), NI WSN-3231 (RS485)

RS232 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS232 Datasheet PDF - National Instruments Corporation

Part # RS232
Download  RS232 Click to download

File Size   477.45 Kbytes
Page   7 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description Wireless Sensor Network Serial Nodes NI WSN-3230 (RS232), NI WSN-3231 (RS485)

RS232 Datasheet (HTML) - National Instruments Corporation


RS232 Product details

Overview
The National Instruments wireless sensor network (WSN) platform delivers low-power measurement nodes that offer industrial certifications, reliable networking, and optional weatherproof outdoor enclosures for long-term, remote monitoring applications. The measurement nodes have direct sensor connectivity and a 2.4 GHz radio to wirelessly transmit data to a WSN gateway. Each serial node features one serial port and two digital I/O channels that you can configure for input, sinking output, or sourcing output. With NI LabVIEW grpahical system design software, you can easily configure your network, collect measurement data, trigger alarms through SMS or email, and even view monitoring data within a web browser. With the NI LabVIEW Wireless Sensor Network (WSN) Module, you can customize the behavior of programmable NI WSN measurement nodes and create an autonomous interface to serial-based sensors, instruments, and control boards. Use this module to optimize node behavior for your application: customize sample and transmission rates, perform onboard analysis or data reduction, respond to digital value changes, perform local control of DIO lines, and even store data to flash memory.

◾ Programmable, autonomous interface to serial sensors, instruments, and control boards
◾ Deploy embedded code to create a local communication loop between the node and serial device
◾ Create a reliable network, with support for hundreds of nodes, to monitor your assets or environment
◾ Programmable with the LabVIEW Wireless Sensor Network (WSN) Module: Customize node behavior to extend battery life, increase sample rates, save data locally, and perform local analysis and DIO control
◾ NI-WSN software that provides easy network configuration, drag-and-drop LabVIEW programming, and support for logging, alarming, and web-based data visualization
◾ Low-power operation with up to 3-year battery life
◾ 2.4 GHz IEEE 802.15.4 radio that provides up to 300 m outdoor range
◾ 1 serial port per node with user-selectable baud rates, parity bits, stop bits, and flow control
◾ Two bidirectional digital channels configurable for input, sinking output, or sourcing output
◾ Industrial ratings: -40 to 70 °C operating temperature and 50 g shock, 5 g vibration




Similar Part No. - RS232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS232 ETC-RS232 Datasheet
7Kb / 1P
RS232 Interface using MAX232
RS232 ETC1-RS232 Datasheet
144Kb / 11P
PL-2303 USB to RS-232 Bridge Controller Product Datasheet
logo
Linear Technology
RS232 LINER-RS232 Datasheet
337Kb / 20P
Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
RS232 LINER-RS232 Datasheet
337Kb / 20P
Transceivers
logo
List of Unclassifed Man...
RS232 ETC2-RS232 Datasheet
47Kb / 1P
Industrial Surge Protected Converter
More results


Similar Description - RS232

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6780AS NPC-SM6780AS Datasheet
123Kb / 11P
Ni-Cd/Ni-MH Battery Charger IC
SM6781BV NPC-SM6781BV Datasheet
101Kb / 10P
Ni-MH/Ni-Cd Battery Charger IC
logo
RICOH electronics devic...
R5440N201A RICOH-R5440N201A Datasheet
146Kb / 16P
Ni-Cd/Ni-MH Batteries Charger Protector Ics
logo
List of Unclassifed Man...
V600HR ETC2-V600HR Datasheet
26Kb / 1P
Ni-MH
V20HR ETC2-V20HR Datasheet
52Kb / 1P
Ni-MH
logo
National Instruments Co...
WSN-3202 NI-WSN-3202 Datasheet
1Mb / 11P
Wireless Sensor Network Programmable Analog Input Measurement Nodes
logo
Shenzhen Huazhimei Semi...
HM4058A HMSEMI-HM4058A Datasheet
568Kb / 7P
USB Ni-Cd/Ni-MH rechargeable IC
HM4058C HMSEMI-HM4058C Datasheet
1Mb / 5P
USB Ni-Cd/Ni-MH rechargeable IC
HM4058B HMSEMI-HM4058B Datasheet
465Kb / 6P
USB Ni-Cd/Ni-MH charge management IC
logo
National Instruments Co...
7U296 NI-7U296 Datasheet
124Kb / 1P
NI MyDAQ
10/28/2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com