Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4425PV Datasheet (PDF) - Sanyo Semicon Device

LA4425PV Datasheet PDF - Sanyo Semicon Device
Part # LA4425PV
Download  LA4425PV Download
File Size   369.98 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts

LA4425PV Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4425PV Datasheet PDF - Sanyo Semicon Device

Part # LA4425PV
Download  LA4425PV Click to download

File Size   369.98 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts

LA4425PV Datasheet (HTML) - Sanyo Semicon Device


LA4425PV Product details

Overview

The LA4425PV is a 5W power amplifier with very few external parts. Encapsulated in a surface mount package [SSOP44K (275 mil)], it is designed for operation without a heat sink. Only two external parts (Only IN/OUT coupling capacitors). Almost no evaluation, adjustment and check of its functions as a power IC required, enabling control to be simplified and set patterns to be further miniaturized.



Functions

•Wide operation supply range →5 to 16V

•On-chip protection:

- Over-voltage protection

- Thermal protection

- Output D.C. short protection .

•On-chip pop noise reducing circuit




Similar Part No. - LA4425PV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA4425PV ONSEMI-LA4425PV Datasheet
371Kb / 8P
Power Amplifier
June, 2013
More results


Similar Description - LA4425PV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7205AP TOSHIBA-TA7205AP Datasheet
414Kb / 5P
5.8W AUDIO POWER AMPLIFIER FOR CAR-STEREO, CAR-RADIO OUTPUT
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A Datasheet
162Kb / 8P
5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
LA4460 SANYO-LA4460 Datasheet
478Kb / 5P
12W AF Power Amplifier For Car Radio or Car Stereo
logo
KEC(Korea Electronics)
KIA7217AP KEC-KIA7217AP Datasheet
97Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC (5.8W AUDIO POWER AMPLIFIER CAR STEREO, CAR RADIO OUTPUT)
logo
Sanyo Semicon Device
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
12W AF Power Amplifier for Car Radio, Car Stereo
LA47510 SANYO-LA47510 Datasheet
1Mb / 8P
Monolithic Linear IC BTL (50W횞4) Power IC for Car Stereo Systems
LA4425A SANYO-LA4425A_07 Datasheet
105Kb / 9P
For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
LA4425A SANYO-LA4425A_10 Datasheet
138Kb / 9P
For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
ON Semiconductor
LA4425A-E ONSEMI-LA4425A-E Datasheet
103Kb / 9P
5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425F-E ONSEMI-LA4425F-E Datasheet
103Kb / 9P
5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com