Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1909MC Datasheet (PDF) - Sanyo Semicon Device

LB1909MC Datasheet PDF - Sanyo Semicon Device
Part # LB1909MC
Download  LB1909MC Download
File Size   95.22 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Digital IC Stepping Motor Driver IC

LB1909MC Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1909MC Datasheet PDF - Sanyo Semicon Device

Part # LB1909MC
Download  LB1909MC Click to download

File Size   95.22 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Digital IC Stepping Motor Driver IC

LB1909MC Datasheet (HTML) - Sanyo Semicon Device


LB1909MC Product details

Overview

The LB1909MC is a 2-channel low saturation voltage forward/reverse motor driver that can operate on a wide supply voltage range (2.5V to 16V). The IC is ideal for use in 2-phase excitation drive of general-purpose 2-phase bipolar stepping motors including dampers for refrigerators.



Features

•Wide supply voltage range : 2.5V to 16V

•Low saturation voltage : VO(sat) = 0.25V typ at IO= 200mA.

•Built-in shoot-through current protection circuit.

•No standby current consumption (or zero).

•Built-in thermal shutdown circuit.

•Small package : SOIC10




Similar Part No. - LB1909MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1909MC ONSEMI-LB1909MC Datasheet
63Kb / 4P
Stepping Motor Driver IC
June, 2013
LB1909MC-BH ONSEMI-LB1909MC-BH Datasheet
63Kb / 4P
Stepping Motor Driver IC
June, 2013
More results


Similar Description - LB1909MC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
STEPPING MOTOR DRIVER IC
TA8430AF TOSHIBA-TA8430AF Datasheet
348Kb / 10P
STEPPING MOTOR DRIVER IC
logo
Sanyo Semicon Device
LB1935T SANYO-LB1935T Datasheet
485Kb / 6P
Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
Monolithic Digital IC Stepping Motor Driver IC
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
Monolithic Digital IC Stepping Motor Driver IC
LB1909M SANYO-LB1909M Datasheet
71Kb / 4P
Monolithic Linear IC Stepping Motor Driver IC
logo
ON Semiconductor
LB1935FA-AH ONSEMI-LB1935FA-AH Datasheet
172Kb / 4P
Stepping Motor Driver IC
June, 2013
LB1935FA-BH ONSEMI-LB1935FA-BH Datasheet
172Kb / 4P
Stepping Motor Driver IC
June, 2013
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
Stepping Motor Driver IC
TC78S600FNG TOSHIBA-TC78S600FNG Datasheet
1Mb / 40P
Stepping Motor Driver IC
2014-10-01
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com