Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4052 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N4052 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N4052
Download  1N4052 Download
File Size   111.08 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Standard Rectifier (trr more than 500ns)

1N4052 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4052 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N4052
Download  1N4052 Click to download

File Size   111.08 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Standard Rectifier (trr more than 500ns)

1N4052 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N4052 Product details

Description
275A, 50V-1400V Rectifier in DO9 package.

* Glass to metal seal construction
* High surge current capability
* Soft recovery
* Glass passivated die
* VRRM 50 to 1400 volts

Standard Polarity: Stud is Cathode
Reverse Polarity: Stud is Anode




Similar Part No. - 1N4052

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N4052 IRF-1N4052 Datasheet
99Kb / 4P
275 Amp Avg Power Silicon Rectifier Diodes
logo
Microsemi Corporation
1N4052 MICROSEMI-1N4052 Datasheet
140Kb / 2P
SILICON POWER RECTIFIER
1N4052 MICROSEMI-1N4052 Datasheet
135Kb / 2P
SILICON POWER RECTIFIER
1N4052 MICROSEMI-1N4052 Datasheet
142Kb / 2P
SILICON POWER RECTIFIER
logo
Digitron Semiconductors
1N4052 DIGITRON-1N4052 Datasheet
107Kb / 2P
HIGH POWER RECTIFIERS
More results


Similar Description - 1N4052

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN29V51211 HITACHI-HN29V51211 Datasheet
306Kb / 42P
512M AND type Flash Memory More than 32,113-sector (542,581,248-bit)
HN29W12811 HITACHI-HN29W12811 Datasheet
315Kb / 42P
128M AND type Flash Memory More than 8,029-sector (135,657,984-bit)
HN29W25611 HITACHI-HN29W25611 Datasheet
347Kb / 43P
256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Renesas Technology Corp
HN29V25611AT-50 RENESAS-HN29V25611AT-50 Datasheet
351Kb / 47P
256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
HN29V25611AT-50H RENESAS-HN29V25611AT-50H Datasheet
349Kb / 47P
256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Semtech Corporation
1N5615 SEMTECH-1N5615 Datasheet
190Kb / 4P
RECTIFIER, up to 1kV, 2A, 150-500ns
logo
MERITEK ELECTRONICS COR...
CI MERITEK-CI Datasheet
144Kb / 1P
Reduction in required real estate (more than 50%)
logo
Cornell Dubilier Electr...
MLSG-S CDE-MLSG-S Datasheet
223Kb / 7P
Withstands more than 80,000 feet altitude
logo
Mallory Sonalert Produc...
PMO-4530PN-47UQ MSPI-PMO-4530PN-47UQ Datasheet
107Kb / 1P
S/N Ration More than 58 dB
PMO-6022PN-48KDQ MSPI-PMO-6022PN-48KDQ Datasheet
87Kb / 1P
S/N Ration More than 58 dB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com