Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78R000F Datasheet (PDF) - KEC(Korea Electronics)

78R000F Datasheet PDF - KEC(Korea Electronics)
Part # 78R000F
Download  78R000F Download
File Size   103.21 Kbytes
Page   10 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT

78R000F Datasheet (PDF)

Go To PDF Page Download Datasheet
78R000F Datasheet PDF - KEC(Korea Electronics)

Part # 78R000F
Download  78R000F Click to download

File Size   103.21 Kbytes
Page   10 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT

78R000F Datasheet (HTML) - KEC(Korea Electronics)


78R000F Product details

4 ,5 TERMINAL LOW DROP VOLTAGE REGULATOR

[Low Quiescent Current-Type]



The KIA78R F/PI Series are Low Dropout Voltage Regulator suitable for various electronic equipments. The Regulator has multi function such as over current protection, overheat protection.



FEATURES

1.0A Output Low Drop Voltage Regulator.

Built in ON/OFF Control Terminal. (Active High)

Built in Over Current Protection, Over Heat Protection Function.

Low Quiescent Current (Output OFF mode) : 0.5A(Typ.)

Low Standby Current : 800A(Typ.)



 




Similar Part No. - 78R000F

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
78R00-ADJ ETL-78R00-ADJ Datasheet
415Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
78R00G-TB5-R UTC-78R00G-TB5-R Datasheet
390Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR
78R00G-TB5-T UTC-78R00G-TB5-T Datasheet
390Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR
78R00G-TF4-R UTC-78R00G-TF4-R Datasheet
390Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR
78R00G-TF4-T UTC-78R00G-TF4-T Datasheet
390Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR
More results


Similar Description - 78R000F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
28-Sep-2004
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R00PI KEC-KIA78R00PI Datasheet
429Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com