Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA6967S Datasheet (PDF) - KEC(Korea Electronics)

KIA6967S Datasheet PDF - KEC(Korea Electronics)
Part # KIA6967S
Download  KIA6967S Download
File Size   39.0 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT

KIA6967S Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA6967S Datasheet PDF - KEC(Korea Electronics)

Part # KIA6967S
Download  KIA6967S Click to download

File Size   39.0 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT

KIA6967S Datasheet (HTML) - KEC(Korea Electronics)


KIA6967S Product details

5 DOT LED LEVEL METER

The KIA6967S is designed for 5 LED level meter driver. Which is consist of one input amplifier and five comparators for LED level indication.

FEATURES
• Low Spurious Noise Operation.
• Constant Driving Current : Io=8mA(Typ.)
• Indication Level Steps : 2dB, 2dB, 2dB, 2dB
• Wide Operating Supply Voltage Range
   : Vcc=4 12V
• Variable Input Amplifier Gain : Gv=0 20dB




Similar Part No. - KIA6967S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA6966 KEC-KIA6966 Datasheet
62Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5 DOT LED LEVEL METER)
KIA6966S KEC-KIA6966S Datasheet
62Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5 DOT LED LEVEL METER)
More results


Similar Description - KIA6967S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com