Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4435B Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N4435B Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N4435B
Download  1N4435B Download
File Size   69.86 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description REF/RED DIODE, P(D) = 1W

1N4435B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4435B Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N4435B
Download  1N4435B Click to download

File Size   69.86 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description REF/RED DIODE, P(D) = 1W

1N4435B Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.




Similar Part No. - 1N4435B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
1N4436 MICROSEMI-1N4436 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
New Jersey Semi-Conduct...
1N4436 NJSEMI-1N4436 Datasheet
196Kb / 1P
10 Amp Silicon Avalanche integrated Full Wave Bridge Rectifiers
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
1N4437 MICROSEMI-1N4437 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
More results


Similar Description - 1N4435B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
3EZ3.9D5 NJSEMI-3EZ3.9D5 Datasheet
151Kb / 1P
Ref/Reg Diode, P(D) = 1W
1N3016B NJSEMI-1N3016B Datasheet
77Kb / 1P
Ref/Reg Diode, P(D) = 1W
1N3020B NJSEMI-1N3020B Datasheet
85Kb / 1P
Ref/Reg Diode, P(D) = 1W
1N3034B NJSEMI-1N3034B Datasheet
58Kb / 1P
Ref/Reg Diode, P(D) = 1W
1N3038B NJSEMI-1N3038B Datasheet
58Kb / 1P
Ref/Reg Diode, P(D) = 1W
1N3826A NJSEMI-1N3826A Datasheet
60Kb / 1P
REF REG DIODE. P(D) = 1W
1N4404 NJSEMI-1N4404 Datasheet
60Kb / 1P
REF/RED DIODE, P(D) = 1W
1N4647 NJSEMI-1N4647 Datasheet
80Kb / 1P
Ref/Red Diodes, 400mW < P(D) < 1W
1N4739D NJSEMI-1N4739D Datasheet
78Kb / 1P
REF/RED DIODE, P(D) = 1W
1N4742D NJSEMI-1N4742D Datasheet
70Kb / 1P
REF/RED DIODE, P(D) =1W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com