Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431AF Datasheet (PDF) - KEC(Korea Electronics)

TL431AF Datasheet PDF - KEC(Korea Electronics)
Part # TL431AF
Download  TL431AF Download
File Size   73.24 Kbytes
Page   6 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT

TL431AF Datasheet (PDF)

Go To PDF Page Download Datasheet
TL431AF Datasheet PDF - KEC(Korea Electronics)

Part # TL431AF
Download  TL431AF Click to download

File Size   73.24 Kbytes
Page   6 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT

TL431AF Datasheet (HTML) - KEC(Korea Electronics)


TL431AF Product details

PROGRAMMABLE PRECISION REFERENCES

The TL431 Series integrated circuits are three-terminal programmable shunt regulator diodes. These monolithic IC voltage reference operate as a low temperature coefficient zener which is programmable from Vref to 36 volts with two external resistors. These devices exhibit a wide operating current range of 1.0 to 100mA with a typical dynamic impedance of 0.22 .The characteristics of these references make them excellent replacements for zener diodes in many applications such as digital voltmeters, power supplies, and op amp circuitry. The 2.5 volt reference makes it convenient to obtain a stable reference from 5.0 volt logic supplies, and since the TL431 Series operates as a shunt regulator, it can be used as either a positive or negative voltage reference.

FEATURES
• Divice Code Name :TL431 + Vref Code + Package Code
• Low Dynamic Output Impedance : 0.22 (Typ.).
• Sink Current Capability of 1.0 to 100mA.
• Equivalent Full-Range Temperature Coefficient of 50ppm/ (Typ.).
• Temperature Compensated for Operation Over Full Rated Operating Temperature Range.
• Low Output Noise Voltage.




Similar Part No. - TL431AF

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TL431AF HTC-TL431AF Datasheet
671Kb / 12P
PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
NXP Semiconductors
TL431AFDT PHILIPS-TL431AFDT Datasheet
277Kb / 27P
Adjustable precision shunt regulator
Rev. 4-30 June 2011
TL431AFDT NXP-TL431AFDT Datasheet
277Kb / 27P
Adjustable precision shunt regulator
Rev. 4-30 June 2011
TL431AFDT NXP-TL431AFDT Datasheet
352Kb / 27P
Adjustable precision shunt regulator
Rev. 5 - 01 September 2015
logo
Nexperia B.V. All right...
TL431AFDT-Q NEXPERIA-TL431AFDT-Q Datasheet
364Kb / 19P
Adjustable precision shunt regulators
Rev. 2 - 30 April 2024
More results


Similar Description - TL431AF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
28-Sep-2004
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com